データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD814S データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FOD814S
部品情報  4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD814S データシート(HTML) 1 Page - Fairchild Semiconductor

  FOD814S Datasheet HTML 1Page - Fairchild Semiconductor FOD814S Datasheet HTML 2Page - Fairchild Semiconductor FOD814S Datasheet HTML 3Page - Fairchild Semiconductor FOD814S Datasheet HTML 4Page - Fairchild Semiconductor FOD814S Datasheet HTML 5Page - Fairchild Semiconductor FOD814S Datasheet HTML 6Page - Fairchild Semiconductor FOD814S Datasheet HTML 7Page - Fairchild Semiconductor FOD814S Datasheet HTML 8Page - Fairchild Semiconductor FOD814S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
December 2011
FOD814 Series, FOD817 Series
4-Pin High Operating Temperature
Phototransistor Optocouplers
Features
AC input response (FOD814 only)
Applicable to Pb-free IR reflow soldering
Compact 4-pin package
Current transfer ratio in selected groups:
FOD814:
20–300%
FOD817:
50–600%
FOD814A: 50–150%
FOD817A: 80–160%
FOD817B: 130–260%
FOD817C: 200–400%
FOD817D: 300–600%
C-UL, UL and VDE approved
High input-output isolation voltage of 5000Vrms
Minimum BVCEO of 70V guaranteed
Higher operating temperatures (versus H11AXXX
counterparts)
Applications
FOD814 Series
AC line monitor
Unknown polarity DC sensor
Telephone line interface
FOD817 Series
Power supply regulators
Digital logic inputs
Microprocessor inputs
Description
The FOD814 consists of two gallium arsenide infrared
emitting diodes, connected in inverse parallel, driving a
silicon phototransistor output in a 4-pin dual in-line
package. The FOD817 Series consists of a gallium
arsenide
infrared
emitting
diode
driving
a
silicon
phototransistor in a 4-pin dual in-line package.
Functional Block Diagram
1
ANODE, CATHODE
2
4
3
CATHODE, ANODE
COLLECTOR
EMITTER
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE
FOD814
FOD817
4
1


同様の部品番号 - FOD814S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD814S FAIRCHILD-FOD814S Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD814S FAIRCHILD-FOD814S Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814S FAIRCHILD-FOD814S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814S FAIRCHILD-FOD814S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814S FAIRCHILD-FOD814S Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
More results

同様の説明 - FOD814S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814 FAIRCHILD-FOD814_06 Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C3SD FAIRCHILD-FOD817C3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com