データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD814300W データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FOD814300W
部品情報  4-Pin High Operating Temperature Phototransistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD814300W データシート(HTML) 2 Page - Fairchild Semiconductor

  FOD814300W Datasheet HTML 1Page - Fairchild Semiconductor FOD814300W Datasheet HTML 2Page - Fairchild Semiconductor FOD814300W Datasheet HTML 3Page - Fairchild Semiconductor FOD814300W Datasheet HTML 4Page - Fairchild Semiconductor FOD814300W Datasheet HTML 5Page - Fairchild Semiconductor FOD814300W Datasheet HTML 6Page - Fairchild Semiconductor FOD814300W Datasheet HTML 7Page - Fairchild Semiconductor FOD814300W Datasheet HTML 8Page - Fairchild Semiconductor FOD814300W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD814 Series, FOD817 Series Rev. 1.1.5
2
Absolute Maximum Ratings (T
A = 25°C Unless otherwise specified.)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
FOD814
FOD817
TOTAL DEVICE
TSTG
Storage Temperature
-55 to +150
°C
TOPR
Operating Temperature
-55 to +105
-55 to +110
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
TJ
Junction Temperature
125 Max.
°C
θJC
Junction-to-Case Thermal Resistance
210
°C/W
PTOT
Total Power Dissipation
200
mW
EMITTER
IF
Continuous Forward Current
±50
50
mA
VR
Reverse Voltage
6
PD
Power Dissipation
Derate above 100°C
70
1.7
mW
mW/°C
DETECTOR
VCEO
Collector-Emitter Voltage
70
V
VECO
Emitter-Collector Voltage
6
V
IC
Continuous Collector Current
50
mA
PC
Collector Power Dissipation
Derate above 90°C
150
2.9
mW
mW/°C


同様の部品番号 - FOD814300W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD814300W FAIRCHILD-FOD814300W Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD814300W FAIRCHILD-FOD814300W Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814300W FAIRCHILD-FOD814300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814300W FAIRCHILD-FOD814300W Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814300W FAIRCHILD-FOD814300W Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series 4-Pin High Operating Temperature Phototransistor Optocouplers
More results

同様の説明 - FOD814300W

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD817B300W FAIRCHILD-FOD817B300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817SD FAIRCHILD-FOD817SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173SD FAIRCHILD-FOD8173SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817D3SD FAIRCHILD-FOD817D3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817B3S FAIRCHILD-FOD817B3S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817AW FAIRCHILD-FOD817AW Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817300W FAIRCHILD-FOD817300W Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD8173S FAIRCHILD-FOD8173S Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD814 FAIRCHILD-FOD814_06 Datasheet
583Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
FOD817C3SD FAIRCHILD-FOD817C3SD Datasheet
723Kb / 12P
   4-Pin High Operating Temperature Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com