データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CM3B-Z10DD データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-CM3B-Z10DD
部品情報  New 5mm Blue and Green LED Lamps High luminous output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CM3B-Z10DD データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CM3B-Z10DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3B-Z10DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3B-Z10DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3B-Z10DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3B-Z10DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3B-Z10DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3B-Z10DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3B-Z10DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CM3B-Z10DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Electrical / Optical Characteristics
TJ = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Forward Voltage
Green / Blue
VF
2.8
3.2
3.8
V
IF = 20 mA
Reverse Voltage
VR
5
V
IR = 10 µA
Dominant Wavelength[1]
Green
Blue
λd
519.0
460.0
525.0
470.0
539.0
480.0
nm
IF = 20 mA
Peak Wavelength
Green
Blue
λPEAK
516
464
nm
Peak of Wavelength of Spectral
Distribution at IF = 20 mA
Spectral Half Width
Green
Blue
Δλ1/2
30
23
nm
IF = 20mA
Thermal Resistance
R
θJ-PIN
240
°C/W
LED Junction-to-Pin
Luminous Efficacy [2]
Green
Blue
ηV
518
78
lm/W
Emitted Luminous Flux /
Emitted Radiant Flux
Thermal coefficient of
λd
Green
Blue
0.028
0.024
nm/°C
IF = 20 mA ; +25°C ≤ TJ ≤ +100°C
Notes:
1. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IVV where IV is the luminous intensity in candelas and ηV is
the luminous efficacy in lumens/watt.


同様の部品番号 - HLMP-CM3B-Z10DD

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM3B-Z10DD AVAGO-HLMP-CM3B-Z10DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-CM3B-Z10DD BOARDCOM-HLMP-CM3B-Z10DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

同様の説明 - HLMP-CM3B-Z10DD

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM1A-450DD AVAGO-HLMP-CM1A-450DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
Cree, Inc
C503B-WAN CREE-C503B-WAN Datasheet
670Kb / 9P
   5mm Round LED Luminous Intensity
logo
OptoSupply Internationa...
OSGGD25111E OPTOSUPPLY-OSGGD25111E Datasheet
112Kb / 1P
   5mm Round Green & Green LED Long Lifetime Operation High Luminous LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EGXX AVAGO-HLMP-EGXX Datasheet
487Kb / 11P
   New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
A-BRIGHT Inc
AL-50-30SUB5C A-BRIGHT-AL-50-30SUB5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
AL-50-30SUG5C A-BRIGHT-AL-50-30SUG5C Datasheet
388Kb / 6P
   5mm High Power LED Lamps
2007/4/4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com