データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-6430 データシート(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-6430
部品情報  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-6430 データシート(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-6430 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-6430 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-6430 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-6430 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-6430 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-6430 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-6430 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-6430 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-6430 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Electrical Characteristics
TA = -55° C to +125° C, 4.75 V ≤ VCC ≤ 5.25 V, 6 mA ≤ IF(ON) ≤ 10 mA, 0 V ≤ VF(OFF) ≤ 0.7 V, unless otherwise specified.
Parameter
Sym.
Test Conditions
Subgroups
Group A10
Limits
Fig.
Notes
Min.
Typ.*
Max.
Units
Low Level Output Voltage
VOL
IOL = 8.0 mA
(5 TTL Loads)
1, 2, 3
0.3
0.5
V
1
9
High Level Output Voltage
VOH
IOH = -4.0 mA
1, 2, 3
2.4
V
2
9
Output Leakage Current
IOHH
VO = 5.25 V,
VF = 0.7 V
1, 2, 3
100
A
9
Logic High
Supply Current
Single Channel
ICCH
VCC = 5.25 V,
VE = 0 V
1, 2, 3
17
26
mA
Dual Channel
34
52
13
Logic Low
Supply Current
Single Channel
ICCL
1, 2, 3
19
26
mA
Dual Channel
38
52
13
Input Forward Voltage
VF
IF = 10 mA
1, 2, 3
1.0
1.35
1.85
V
4
9
Input Reverse Breakdown
Voltage
VR
IR = 10
A
1, 2, 3
3.0
4.8
V
9
Input-Output Insulation
Leakage Current
II-O
VI-O = 1500 Vdc,
RH ≤ 65%,
t = 5 s
1
1.0
A
2, 3
Propagation Delay Time
Logic Low Output
tPHL
9, 10, 11
33
60
ns
5, 6, 7
4, 9
Propagation Delay Time
Logic High Output
tPLH
9, 10, 11
30
60
ns
5, 6, 7
4, 9
Pulse Width Distortion
PWD
9, 10, 11
3
35
ns
5, 6, 7
4, 9
Logic High Common
Mode Transient Immunity
|CMH|VCM = 50 VP-P,
IF = 0 mA
9, 10, 11
500
3000
V/
s
11
5, 9, 11
Logic Low Common
Mode Transient Immunity
|CML|VCM = 50 VP-P,
IF = 6 mA
9, 10, 11
500
3000
V/
s
11
5, 9, 11
Single Channel Product Only
Parameter
Sym.
Test Conditions
Subgroups
Group A10
Limits
Fig.
Notes
Min.
Typ.*
Max.
Units
Logic High Enable Voltage
VEH
1, 2, 3
2.0
V
Logic Low Enable Voltage
VEL
1, 2, 3
0.8
V
Logic High Enable Current
IEH
VE = 2.4 V
1, 2, 3
20
A
VE = 5.25 V
1, 2, 3
100
Logic Low Enable Current
IEL
VE = 0.4 V
1, 2, 3
-0.28
-0.4
mA
High Impedance State
Supply Current
ICCZ
VCC = 5.25 V,
VE = 5.25 V
1, 2, 3
22
28
mA
High Impedance State
Output Current
IOZL
VO = 0.4 V, VE = 2 V
1, 2, 3
-20
A
IOZH
VO = 2.4 V, VE = 2 V
20
VO = 5.25 V, VE = 2 V
100
*All typical values are at VCC = 5 V, TA = 25° C, IF = 8 mA except where noted.


同様の部品番号 - HCPL-6430

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-6430 HP-HCPL-6430 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

同様の説明 - HCPL-6430

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com