データシートサーチシステム |
|
DLW5BSN102SQ2 データシート(PDF) 10 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BSN102SQ2 データシート(HTML) 10 Page - Murata Manufacturing Co., Ltd. |
10 / 40 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 157 Low profile wire-wound common choke coil for power lines. DLW5BTSeries (2020 Size) DLW Series Universal Type [Power Lines/Signal Lines] Chip Common Mode Choke Coil s Dimensions s Equivalent Circuit s Packaging s Impedance-Frequency Characteristics (Main Items) s Rated Value (p: packaging code) s Derating of Rated Current DLW5BTN101/251/501 Refer to pages from p.176 to p.179 for mounting information. DLW5BT Code Packaging Minimum Quantity L 180mm Reel Embossed Tape 700 K 330mm Reel Embossed Tape 2500 B Bulk(Bag) 100 Part Number Common Mode Impedance (at 100MHz/20 °C) Rated Current Rated Voltage Insulation Resistance (min.) Withstand Voltage DC Resistance DLW5BTN101SQ2p 100ohm(Typ.) 6000mA 50Vdc 10M ohm 125Vdc 0.009ohm ±40% DLW5BTN251SQ2p 250ohm(Typ.) 5000mA 50Vdc 10M ohm 125Vdc 0.014ohm ±40% DLW5BTN501SQ2p 500ohm(Typ.) 4000mA 50Vdc 10M ohm 125Vdc 0.019ohm ±40% DLW5BTN102SQ2p 1000ohm(Typ.) 2000mA 50Vdc 10M ohm 125Vdc 0.024ohm ±40% DLW5BTN142SQ2p 1400ohm(Typ.) 1500mA 50Vdc 10M ohm 125Vdc 0.040ohm ±40% Operating Temperature Range: -40 °C to +85°C Number of Circuit: 1 (L) 5.0 ±0.3 3.6 ±0.3 (W) 5.0 ±0.3 0.5 min. (2) (1) (4) (3) 1.3 ±0.3 0.9 ±0.3 * The marking to indicate the product direction can be applicable. (Optional) (in mm) : Electrode Polarity Marking Frequency (MHz) 1 10 100 1000 10000 1 10 100 1000 Common mode DLW5BTN101SQ2 DLW5BTN251SQ2 DLW5BTN501SQ2 DLW5BTN102SQ2 DLW5BTN142SQ2 DLW5BTN101SQ2 DLW5BTN251SQ2 DLW5BTN501SQ2 DLW5BTN102SQ2 DLW5BTN142SQ2 Differential mode 0 1000 2000 3000 4000 5000 6000 7000 0 20406080 100 Temperature ( °C) 65 4750 3400 85 (1) (4) (2) (3) No polarity. |
同様の部品番号 - DLW5BSN102SQ2 |
|
同様の説明 - DLW5BSN102SQ2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |