データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLW5BTN142SQ2 データシート(PDF) 5 Page - Murata Manufacturing Co., Ltd.

部品番号 DLW5BTN142SQ2
部品情報  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BTN142SQ2 データシート(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  DLW5BTN142SQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
152
Part Numbering
(Part Number)
DLp
t
N
y
371
q
DL
u
S
r
S
e
21
2
o!0
L
w
W
i
Q
Chip Common Mode Choke Coil
eDimensions (LgW)
Code
0.85g0.65mm
1.25g1.0mm
1.5g0.65mm
2.0g1.2mm
3.2g1.6mm
2.0g1.0mm
2.5g2.0mm
5.0g3.6mm
5.0g5.0mm
Dimensions (LgW)
03025
0504
05025
0805
1206
0804
1008
2014
2020
EIA
0N
11
1N
21
31
2A
2H
5A
5B
qProduct ID
DL
Chip Common Mode Choke Coils
Product ID
wStructure
W
M
P
Wire Wound Type
Multilayer Type
Film Type
Code
Structure
tCategory
A
B
N
R
Expressed by a letter.
Code
Category
C
S
D
H
G
T
Magnetically Shielded One Circuit Type
Magnetically Shielded Two Circuit Type
Open Magnetic One Circuit Type
Magnetically Monolithic Type (sectional winding)
Magnetically Shielded One Circuit Low Profile Type
Code
Type
!0Packaging
K
L
B
DLW5AH/DLW5BS/DLW5BT
All Series
All Series
Embossed Taping (ø330mm Reel)
Embossed Taping (ø180mm Reel)
Bulk
Code
Packaging
Series
2
3
4
Two Lines
Three Lines
Four Lines
Code
Number of Signal Lines
D
L
Q
Z
Expressed by a letter.
Expressed by a letter.
Code
Features
iFeatures (2)
rFeatures (1)
yImpedance
Typical impedance at 100MHz is expressed by three figures. The
unit is in ohm (
Ω). The first and second figures are significant
digits, and the third figure expresses the number of zeros which
follow the two figures.
uCircuit
S
M
H
U
Code
Circuit
oNumber of Signal Lines


同様の部品番号 - DLW5BTN142SQ2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
DLW5BTN142SQ2 MURATA-DLW5BTN142SQ2 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
DLW5BTN142SQ2B MURATA-DLW5BTN142SQ2B Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
DLW5BTN142SQ2K MURATA-DLW5BTN142SQ2K Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
DLW5BTN142SQ2L MURATA-DLW5BTN142SQ2L Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
More results

同様の説明 - DLW5BTN142SQ2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com