データシートサーチシステム |
|
DLW5BTN142SQ2 データシート(PDF) 11 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTN142SQ2 データシート(HTML) 11 Page - Murata Manufacturing Co., Ltd. |
11 / 40 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 158 Audio line common choke also effective to differential mode. DLM11GSeries (0504 Size) DLM Series Signal Lines Type Chip Common Mode Choke Coil s Dimensions s Equivalent Circuit s Packaging s Impedance-Frequency Characteristics (Main Items) s Rated Value (p: packaging code) Refer to pages from p.176 to p.179 for mounting information. DLM11G Code Packaging Minimum Quantity D 180mm Reel Paper Tape 10000 B Bulk(Bag) 1000 Part Number Common Mode Impedance (at 100MHz/20 °C) Rated Current Rated Voltage Insulation Resistance (min.) Withstand Voltage DC Resistance DLM11GN601SD2p 600ohm ±25% 100mA 5Vdc 100M ohm 25Vdc 0.8ohm max. Operating Temperature Range: -40 °C to +85°C Number of Circuit: 1 0.2 ±0.15 1.0 ±0.15 0.5 ±0.1 (2) (1) (3) (4) (in mm) : Electrode Frequency (MHz) 1 10 100 1000 10000 1 10 100 1000 Differential Mode Common Mode DLM11GN601SD2 DLM11GN601SD2 (1) (4) (2) (3) No polarity. |
同様の部品番号 - DLW5BTN142SQ2 |
|
同様の説明 - DLW5BTN142SQ2 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |