データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DLW5BTN142SQ2 データシート(PDF) 3 Page - Murata Manufacturing Co., Ltd.

部品番号 DLW5BTN142SQ2
部品情報  SMD/BLOCK Type EMI Suppression Filters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW5BTN142SQ2 データシート(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DLW5BTN142SQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DLW5BTN142SQ2 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
150
DLp
Series Introduction
Common Mode Current
Differential Mode Current
Magnetic flux by common mode current is
added each other and works as an inductor
DLP11SA
DLW21SN_HQ2
DLP0NS
DLP11SN
DLP2AD
DLW21SN_SQ2
DLW31S
DLW21H
DLP31S
DLP31D
DLW5AH
DLW5BS
DLW5BT
DLM11G
DLM2HG
High cut-off frequency
High Coupling
(For high speed
differential signal lines)
Ultra high cut-off
frequency
for high speed
differential signal lines
High cut-off frequency
for high speed
differential signal lines
for general differential
signal lines
Film type
Film type
Film type
Wound type
Wound type
Wound type
Multilayer
type
Large current
High coupling
(For power lines)
Relative high differential
mode impedance
Low coupling
(For audio lines)
· Low profile, small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· Ultra high cut-off frequency and its matching to line
impedance enables good transmission of high
speed signal.
· Ultra high self resonance frequency enables high
cut-off frequency.
· Its matching to line impedance enables good
transmission of high speed signal.
· Low profile, small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· High cut-off frequency enables good transmission
of high speed signal.
· Ultra high self resonance frequency enables high
cut-off frequency.
· DLW21H is designed as low profile.
· Low profile,small size, suitable for mobile
equipments.
· Tight terminal pitch enables high density layout.
· Large current (6A max.), suitable for input
connector from an AC adaptor.
· DLW5BT is designed as low profile.
· Modified its differential mode impedance higher
than other common mode choke coils, this feature
makes possible to suppress both common mode
and differential mode noise.
· DLM11GN601SD2 is ideal to keep low distortion
audio signal.
· DLM2HG can meet stereo 3 lines which contain a
ground line.
Category
Features,
Classification
Structure
Part Number
Comments
PLT10HH
Winding type
Cased structure
Large current
Automotive Available
(For power lines)
· Large current, high reliability, suitable for mortors in
automobile.
Magnetic flux by differential mode current is
canceled each other and do not works as an
inductor
Available up to 10A


同様の部品番号 - DLW5BTN142SQ2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
DLW5BTN142SQ2 MURATA-DLW5BTN142SQ2 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
DLW5BTN142SQ2B MURATA-DLW5BTN142SQ2B Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
DLW5BTN142SQ2K MURATA-DLW5BTN142SQ2K Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
DLW5BTN142SQ2L MURATA-DLW5BTN142SQ2L Datasheet
69Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current DLW5BT Series (2020 Size)
More results

同様の説明 - DLW5BTN142SQ2

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
DLM11GN601SD2D MURATA-DLM11GN601SD2D Datasheet
1Mb / 39P
   smd/block type emi suppression filters
BLM15BD601SH1D MURATA-BLM15BD601SH1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM41AF800SN1L MURATA-BLM41AF800SN1L Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
DLW21SN371SQ2L MURATA-DLW21SN371SQ2L Datasheet
1Mb / 39P
   SMD/BLOCK TYPE EMI Suppression Filters
NFM55PC155F1H4L MURATA-NFM55PC155F1H4L Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com