データシートサーチシステム |
|
LM1558H データシート(PDF) 2 Page - Texas Instruments |
|
|
LM1558H データシート(HTML) 2 Page - Texas Instruments |
2 / 12 page LM1458, LM1558 SNOSBU4D – APRIL 1998 – REVISED MARCH 2013 www.ti.com Absolute Maximum Ratings (1) (2) (3) Supply Voltage LM1558 ±22V LM1458 ±18V Power Dissipation (4) LM1558H/LM1458H 500 mW LM1458N 400 mW Differential Input Voltage ±30V Input Voltage (5) ±15V Output Short-Circuit Duration Continuous Operating Temperature Range LM1558 −55°C to +125°C LM1458 0°C to +70°C Storage Temperature Range −65°C to +150°C Lead Temperature (Soldering, 10 sec.) 260°C Soldering Information PDIP Package Soldering (10 seconds) 260°C SOIC Package Vapor Phase (60 seconds) 215°C Infrared (15 seconds) 220°C See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices. ESD tolerance (6) 300V (1) “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. (2) Refer to RETS 1558V for LM1558J and LM1558H military specifications. (3) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (4) The maximum junction temperature of the LM1558 is 150°C, while that of the LM1458 is 100°C. For operating at elevated temperatures, devices in the LMC package must be derated based on a thermal resistance of 150°C/W, junction to ambient or 20°C/W, junction to case. For the PDIP the device must be derated based on a thermal resistance of 187°C/W, junction to ambient. (5) For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage. (6) Human body model, 1.5 k Ω in series with 100 pF. Electrical Characteristics (1) Parameter Conditions LM1558 LM1458 Units Min Typ Max Min Typ Max Input Offset Voltage TA = 25°C, RS ≤ 10 kΩ 1.0 5.0 1.0 6.0 mV Input Offset Current TA = 25°C 80 200 80 200 nA Input Bias Current TA = 25°C 200 500 200 500 nA Input Resistance TA = 25°C 0.3 1.0 0.3 1.0 M Ω Supply Current Both TA = 25°C, VS = ±15V 3.0 5.0 3.0 5.6 mA Amplifiers Large Signal Voltage Gain TA = 25°C, VS = ±15V 50 160 20 160 V/mV VOUT = ±10V, RL ≥ 2 kΩ Input Offset Voltage RS ≤ 10 kΩ 6.0 7.5 mV Input Offset Current 500 300 nA Input Bias Current 1.5 0.8 μA Large Signal Voltage Gain VS = ±15V, VOUT = ±10V 25 15 V/mV RL ≥ kΩ Output Voltage Swing VS = ±15V, RL = 10 kΩ ±12 ±14 ±12 ±14 V RL = 2 kΩ ±10 ±13 ±10 ±13 V (1) These specifications apply for VS = ±15V and −55°C ≤ TA ≤ 125°C, unless otherwise specified. With the LM1458, however, all specifications are limited to 0°C ≤ TA ≤ 70°C and VS = ±15V. 2 Submit Documentation Feedback Copyright © 1998–2013, Texas Instruments Incorporated Product Folder Links: LM1458 LM1558 |
同様の部品番号 - LM1558H |
|
同様の説明 - LM1558H |