データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2576T-3.3 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM2576T-3.3
部品情報  SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2576T-3.3 データシート(HTML) 10 Page - Texas Instruments

Back Button LM2576T-3.3 Datasheet HTML 6Page - Texas Instruments LM2576T-3.3 Datasheet HTML 7Page - Texas Instruments LM2576T-3.3 Datasheet HTML 8Page - Texas Instruments LM2576T-3.3 Datasheet HTML 9Page - Texas Instruments LM2576T-3.3 Datasheet HTML 10Page - Texas Instruments LM2576T-3.3 Datasheet HTML 11Page - Texas Instruments LM2576T-3.3 Datasheet HTML 12Page - Texas Instruments LM2576T-3.3 Datasheet HTML 13Page - Texas Instruments LM2576T-3.3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
LM2576, LM2576HV
SNVS107C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
(Circuit of Figure 21 and Figure 22)
Maximum Power Dissipation
(DDPAK/TO-263)
Switching Waveforms
VOUT = 15V
If the DDPAK/TO-263 package is used, the thermal resistance can be
A: Output Pin Voltage, 50V/div
reduced by increasing the PC board copper area thermally connected
B: Output Pin Current, 2A/div
to the package. Using 0.5 square inches of copper area,
θJA is
C: Inductor Current, 2A/div
50°C/W, with 1 square inch of copper area,
θJA is 37°C/W, and with
D: Output Ripple Voltage, 50 mV/div,
1.6 or more square inches of copper area,
θJA is 32°C/W.
AC-Coupled
Horizontal Time Base: 5
μs/div
Figure 18.
Figure 19.
Load Transient Response
Figure 20.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2576 LM2576HV


同様の部品番号 - LM2576T-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2576T-3.3 NSC-LM2576T-3.3 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-3.3 ONSEMI-LM2576T-3.3 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576T-3.3 SEMTECH-LM2576T-3.3 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
logo
List of Unclassifed Man...
LM2576T-3.3 ETC1-LM2576T-3.3 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
Motorola, Inc
LM2576T-3.3 MOTOROLA-LM2576T-3.3 Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
More results

同様の説明 - LM2576T-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM2576S-12 TI1-LM2576S-12 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576 TI-LM2576_15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576T-ADJ TI1-LM2576T-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com