データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RCAT-00 データシート(PDF) 4 Page - Mini-Circuits

部品番号 RCAT-00
部品情報  50廓 2W 0dB DC to 20 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RCAT-00 データシート(HTML) 4 Page - Mini-Circuits

  RCAT-00 Datasheet HTML 1Page - Mini-Circuits RCAT-00 Datasheet HTML 2Page - Mini-Circuits RCAT-00 Datasheet HTML 3Page - Mini-Circuits RCAT-00 Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fixed Attenuator
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page4
RCAT-00+
Performance Data
DataTable
SweptGraphs
Case Style
LZ1737Ceramic package, Terminal finish: Ni-Pd-Au
Tape & Reel
F108
Standard quantities available on reel
7” reels with 20, 50, 100, 200, 500, 1K or 2K devices.
Suggested Layout for PCB Design
click here
Evaluation Board
TB-668-00+
Environmental Ratings
ENV-71
MCL
RCAT-00+
ESD Rating
HumanBodyModel(HBM):250V,Class1A(JESD22-A114)
MachineModel(MM):200V,ClassB(JESD22-A115)
MSL Rating
MoistureSensitivity:MSL1inaccordancewithIPC/JEDECJ-STD-020D
Additional Detailed Technical Information
additional information is available on our dash board. To access this information
click here
Product Marking


同様の部品番号 - RCAT-00

メーカー部品番号データシート部品情報
logo
Mini-Circuits
RCAT-01 MINI-RCAT-01 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-01++ MINI-RCAT-01+ Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-02 MINI-RCAT-02 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-02++ MINI-RCAT-02+ Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
   Fixed Attenuator
More results

同様の説明 - RCAT-00

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ZX60-4016E MINI-ZX60-4016E Datasheet
255Kb / 2P
   Connectorized Amplifier 50廓, 20 MHz to 4 GHz
ANNE-50X MINI-ANNE-50X Datasheet
69Kb / 1P
   Termination SMA 50??DC to 20 GHz
ZVA-213 MINI-ZVA-213 Datasheet
222Kb / 2P
   Wideband Amplifier 50廓 800 MHz to 21 GHz
logo
M/A-COM Technology Solu...
MA4SWX10 MA-COM-MA4SWX10 Datasheet
950Kb / 9P
   Specified from 50 MHz to 20 GHz
logo
Mini-Circuits
RVA-3000 MINI-RVA-3000 Datasheet
210Kb / 2P
   Voltage Variable Attenuator 50廓 20 to 3000 MHz
LOUIS-50 MINI-LOUIS-50 Datasheet
121Kb / 1P
   Termination DIN 50??DC to 2 GHz
logo
TriQuint Semiconductor
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
   DC to >50 GHz MPA with AGC
TGA4803 TRIQUINT-TGA4803_15 Datasheet
565Kb / 9P
   DC to 50 GHz MPA with AGC
logo
Anaren Microwave
RFP-20-100RP-S ANAREN-RFP-20-100RP-S Datasheet
509Kb / 2P
   Flanged Resistors 20 Watts, 50廓
3W512 ANAREN-3W512 Datasheet
320Kb / 2P
   Balun 50廓 to 12.5廓 Balanced
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com