データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75525KTTR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS75525KTTR
部品情報  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75525KTTR データシート(HTML) 4 Page - Texas Instruments

  TPS75525KTTR Datasheet HTML 1Page - Texas Instruments TPS75525KTTR Datasheet HTML 2Page - Texas Instruments TPS75525KTTR Datasheet HTML 3Page - Texas Instruments TPS75525KTTR Datasheet HTML 4Page - Texas Instruments TPS75525KTTR Datasheet HTML 5Page - Texas Instruments TPS75525KTTR Datasheet HTML 6Page - Texas Instruments TPS75525KTTR Datasheet HTML 7Page - Texas Instruments TPS75525KTTR Datasheet HTML 8Page - Texas Instruments TPS75525KTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS75515, TPS75518, TPS75525, TPS75533 WITH POWER GOOD AND
TPS75501 FAST TRANSIENT RESPONSE 5A LOW DROPOUT
VOLTAGE REGULATORS
SLVS293D − NOVEMBER 2000 − REVISED MAY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TPS755xx PG timing diagram
NOTE A: VIT −Trip voltage is typically 9% lower than the output voltage (91%VO). VIT− to VIT+ is the hysteresis voltage.
t
t
t
Threshold
Voltage
PG
Output
VIT +(see Note A)
VIN1
VOUT
VIT −
(see Note A)
VUVLO
VUVLO
detailed description
The TPS755xx family includes four fixed-output voltage regulators (1.5 V, 1.8 V, 2.5 V, and 3.3 V), and an
adjustable regulator, the TPS75501 (adjustable from 1.22 V to 5 V). The bandgap voltage is typically 1.22 V.
pin functions
enable (EN)
The EN terminal is an input which enables or shuts down the device. If EN is a logic high, the device will be in
shutdown mode. When EN goes to logic low, the device will be enabled.
power-good (PG)
The PG terminal for the fixed voltage option devices is an open drain, active low output that indicates the status
of VO (output of the LDO). When VO reaches approximately 91% of the regulated voltage, PG will go to a low
impedance state. It will go to a high-impedance state when VO falls below approximately 89% (i.e. over load
condition) of the regulated voltage. The open drain output of the PG terminal requires a pullup resistor.
feedback (FB)
FB is an input terminal used for the adjustable-output option and must be connected to the output terminal either
directly, in order to generate the minimum output voltage of 1.22 V, or through an external feedback resistor
divider for other output voltages. The FB connection should be as short as possible. It is essential to route it in
such a way to minimize/avoid noise pickup. Adding RC networks between FB terminal and VO to filter noise is
not recommended because it may cause the regulator to oscillate.


同様の部品番号 - TPS75525KTTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75525KTTR TI1-TPS75525KTTR Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75525KTTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601 TI1-TPS75601 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com