データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75533KC データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS75533KC
部品情報  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75533KC データシート(HTML) 11 Page - Texas Instruments

Back Button TPS75533KC Datasheet HTML 7Page - Texas Instruments TPS75533KC Datasheet HTML 8Page - Texas Instruments TPS75533KC Datasheet HTML 9Page - Texas Instruments TPS75533KC Datasheet HTML 10Page - Texas Instruments TPS75533KC Datasheet HTML 11Page - Texas Instruments TPS75533KC Datasheet HTML 12Page - Texas Instruments TPS75533KC Datasheet HTML 13Page - Texas Instruments TPS75533KC Datasheet HTML 14Page - Texas Instruments TPS75533KC Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
TPS75515, TPS75518, TPS75525, TPS75533 WITH POWER GOOD AND
TPS75501 FAST TRANSIENT RESPONSE 5A LOW DROPOUT
VOLTAGE REGULATORS
SLVS293D − NOVEMBER 2000 − REVISED MAY 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
t − Time −
µs
TPS75515
LOAD TRANSIENT RESPONSE
−100
0
060
40
20
80 100
140
120
160 180 200
0
50
−50
VO = 1.5 V
Co = 100 µF
−150
5
di
dt
+ 1.25 A
ms
Figure 14
100
150
TPS75533
LINE TRANSIENT RESPONSE
t − Time −
µs
−100
5.3
−50
4.3
VO = 3.3 V
IO = 5 A
Co = 100 µF
50
0
150
100
50
200 250
350
300
400 450 500
Figure 15
0
100
Figure 16
t − Time −
µs
TPS75533
LOAD TRANSIENT RESPONSE
−100
0
200
100
VO =3 .3 V
Co = 100 µF
5
060
40
20
80 100
140
120
160 180 200
di
dt
+ 1.25 A
ms
0
Figure 17
t − Time (Start-Up) − ms
VI = 4.3 V
IO = 10 mA
TJ = 25°C
0
3.3
0
0
4.3
0.2
1
0.4
0.6
0.8
TPS75533
OUTPUT VOLTAGE AND ENABLE VOLTAGE
vs
TIME (START-UP)


同様の部品番号 - TPS75533KC

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75533KC TI-TPS75533KC Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75533KC TI-TPS75533KC Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75533KC TI1-TPS75533KC Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75533KCG3 TI1-TPS75533KCG3 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75533KC

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601 TI1-TPS75601 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com