データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS71729DCKR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS71729DCKR
部品情報  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71729DCKR データシート(HTML) 2 Page - Texas Instruments

  TPS71729DCKR Datasheet HTML 1Page - Texas Instruments TPS71729DCKR Datasheet HTML 2Page - Texas Instruments TPS71729DCKR Datasheet HTML 3Page - Texas Instruments TPS71729DCKR Datasheet HTML 4Page - Texas Instruments TPS71729DCKR Datasheet HTML 5Page - Texas Instruments TPS71729DCKR Datasheet HTML 6Page - Texas Instruments TPS71729DCKR Datasheet HTML 7Page - Texas Instruments TPS71729DCKR Datasheet HTML 8Page - Texas Instruments TPS71729DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
TPS717xx
SBVS068G – FEBRUARY 2006 – REVISED APRIL 2009.................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS717xxyyyz
XX is nominal output voltage (for example, 28 = 2.8V, 285 = 2.85V, 01 = Adjustable).
YYY is package designator.
Z is package quantity.
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Output voltages from 0.9V to 5.0V in 50mV increments are available through the use of innovative factory EEPROM programming;
minimum order quantities may apply. Contact factory for details and availability.
Over operating temperature range (unless otherwise noted). All voltages are with respect to GND.
PARAMETER
TPS717xx
UNIT
Input voltage range, VIN
–0.3 to +7.0
V
Feedback input voltage range, VFB, VNR
–0.3 to +3.6
V
Enable voltage range, VEN
–0.3 to VIN + 0.3V
(2)
V
Output voltage range, VOUT
–0.3 to +7.0
V
Maximum output current, IOUT
Internally limited
Continuous total power dissipation, PDISS
See Dissipation Ratings Table
Junction temperature range, TJ
–55 to +150
°C
Storage junction temperature range, TSTG
–55 to +150
°C
ESD rating, HBM
2
kV
ESD rating, CDM
500
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VEN absolute maximum rating is VIN + 0.3V or +7.0V, whichever is greater.
DERATING FACTOR
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = +25°C
TA < +25°C
TA = +70°C
TA = +85°C
Low-K(1)
DCK
165°C/W
395°C/W
2.5mW/°C
250mW
140mW
100mW
High-K(2)
DCK
165°C/W
315°C/W
3.2mW/°C
320mW
175mW
130mW
Low-K(1)
DRV
20°C/W
140°C/W
7.1mW/°C
715mW
395mW
285mW
High-K(2)
DRV
20°C/W
65°C/W
15.4mW/°C
1540mW
845mW
615mW
High-K(2)
DSE
206°C/W
4.85mW/°C
485mW
269mW
194mW
(1)
The JEDEC low-K (1s) board used to derive this data was a 3in × 3in, two-layer board with 2-ounce copper traces on top of the board.
(2)
The JEDEC high-K (2s2p) board used to derive this data was a 3in × 3in, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated


同様の部品番号 - TPS71729DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS71729DCKR TI-TPS71729DCKR Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71729DCKR TI-TPS71729DCKR Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71729DCKR TI-TPS71729DCKR Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71729DCKR TI-TPS71729DCKR Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71729DCKR TI-TPS71729DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

同様の説明 - TPS71729DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com