データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F100VET6BTR データシート(PDF) 61 Page - STMicroelectronics

部品番号 STM32F100VET6BTR
部品情報  High-density value line, advanced ARM-based 32-bit MCU
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100VET6BTR データシート(HTML) 61 Page - STMicroelectronics

Back Button STM32F100VET6BTR Datasheet HTML 57Page - STMicroelectronics STM32F100VET6BTR Datasheet HTML 58Page - STMicroelectronics STM32F100VET6BTR Datasheet HTML 59Page - STMicroelectronics STM32F100VET6BTR Datasheet HTML 60Page - STMicroelectronics STM32F100VET6BTR Datasheet HTML 61Page - STMicroelectronics STM32F100VET6BTR Datasheet HTML 62Page - STMicroelectronics STM32F100VET6BTR Datasheet HTML 63Page - STMicroelectronics STM32F100VET6BTR Datasheet HTML 64Page - STMicroelectronics STM32F100VET6BTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 98 page
background image
STM32F100xC, STM32F100xD, STM32F100xE
Electrical characteristics
Doc ID 15081 Rev 7
61/98
Table 34.
Synchronous multiplexed NOR/PSRAM read timings(1)(2)
1.
CL = 15 pF.
2.
Preliminary values.
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FSMC_CLK period
27.7
ns
td(CLKL-NExL)
FSMC_CLK low to FSMC_NEx low (x = 0...2)
1.5
ns
td(CLKL-NExH)
FSMC_CLK low to FSMC_NEx high (x = 0...2)
2
ns
td(CLKL-NADVL)
FSMC_CLK low to FSMC_NADV low
4
ns
td(CLKL-NADVH)
FSMC_CLK low to FSMC_NADV high
5
ns
td(CLKL-AV)
FSMC_CLK low to FSMC_Ax valid (x = 16...25)
0
ns
td(CLKL-AIV)
FSMC_CLK low to FSMC_Ax invalid (x = 16...25)
2
ns
td(CLKH-NOEL)
FSMC_CLK high to FSMC_NOE low
1
ns
td(CLKL-NOEH)
FSMC_CLK low to FSMC_NOE high
0.5
ns
td(CLKL-ADV)
FSMC_CLK low to FSMC_AD[15:0] valid
12
ns
td(CLKL-ADIV)
FSMC_CLK low to FSMC_AD[15:0] invalid
0
ns
tsu(ADV-CLKH)
FSMC_A/D[15:0] valid data before FSMC_CLK
high
6
ns
th(CLKH-ADV)
FSMC_A/D[15:0] valid data after FSMC_CLK high 0
ns
tsu(NWAITV-CLKH) FSMC_NWAIT valid before FSMC_CLK high
8
ns
th(CLKH-NWAITV) FSMC_NWAIT valid after FSMC_CLK high
2
ns


同様の部品番号 - STM32F100VET6BTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STM32F100VE STMICROELECTRONICS-STM32F100VE Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
More results

同様の説明 - STM32F100VET6BTR

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STM32F100X4 STMICROELECTRONICS-STM32F100X4 Datasheet
1Mb / 84P
   Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com