データシートサーチシステム |
|
SMBJ6.5ACA データシート(PDF) 5 Page - STMicroelectronics |
|
SMBJ6.5ACA データシート(HTML) 5 Page - STMicroelectronics |
5 / 10 page SMBJ Characteristics Doc ID 5616 Rev 10 5/10 Figure 6. Junction capacitance versus reverse applied voltage for unidirectional types (typical values) Figure 7. Junction capacitance versus reverse applied voltage for bidirectional types (typical values) 10 100 1000 10000 1 10 100 1000 C(pF) F=1 MHz V osc=30 mVRMS T j=25 °C SMBJ5.0A SMBJ12A SMBJ24A SMBJ40A SMBJ85A SMBJ188A VR(V) 10 100 1000 10000 1 10 100 1000 C(pF) F=1 MHz V osc=30 mVRMS T j=25 °C SMBJ5.0CA SMBJ12CA SMBJ24CA SMBJ40CA SMBJ85CA SMBJ188CA VR(V) Figure 8. Peak forward voltage drop versus peak forward current (typical values) Figure 9. Relative variation of thermal impedance, junction to ambient, versus pulse duration Figure 10. Thermal resistance, junction to ambient, versus copper surface under each lead Figure 11. Leakage current versus junction temperature (typical values) I FM(A) 1.0E-02 1.0E-01 1.0E+00 1.0E+01 1.0E+02 0.0 0.5 1.0 1.5 2.0 2.5 3.0 T j =25 °C T j =125 °C VFM(V) 0.01 0.10 1.00 1.0E-03 1.0E-02 1.0E-01 1.0E+00 1.0E+01 1.0E+02 1.0E+03 Z th(j-a) /Rth(j-a) tP(s) Recommended pad layout PCB FR4, copper thickness = 35 µm 0 10 20 30 40 50 60 70 80 90 100 110 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 R (°C/W) th(J-A) SCU(cm²) PCB FR4, copper thickness = 35 µm 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03 25 50 75 100 125 150 V R=VRM V RM ≥ 10 V V R=VRM V RM <10 V Tj(°C) I R (nA) |
同様の部品番号 - SMBJ6.5ACA |
|
同様の説明 - SMBJ6.5ACA |