データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD4N60NZ データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FDD4N60NZ
部品情報  FDD4N60NZ N-Channel UniFETTM II MOSFET 600 V, 3.4 A, 2.5 ?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4N60NZ データシート(HTML) 6 Page - Fairchild Semiconductor

  FDD4N60NZ Datasheet HTML 1Page - Fairchild Semiconductor FDD4N60NZ Datasheet HTML 2Page - Fairchild Semiconductor FDD4N60NZ Datasheet HTML 3Page - Fairchild Semiconductor FDD4N60NZ Datasheet HTML 4Page - Fairchild Semiconductor FDD4N60NZ Datasheet HTML 5Page - Fairchild Semiconductor FDD4N60NZ Datasheet HTML 6Page - Fairchild Semiconductor FDD4N60NZ Datasheet HTML 7Page - Fairchild Semiconductor FDD4N60NZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2012 Fairchild Semiconductor Corporation
FDD4N60NZ Rev. C0
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


同様の部品番号 - FDD4N60NZ

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FDD4N60NZ ISC-FDD4N60NZ Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD4N60NZ FAIRCHILD-FDD4N60NZ_12 Datasheet
585Kb / 8P
   N-Channel MOSFET 600V, 3.4A, 2.5
More results

同様の説明 - FDD4N60NZ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
   N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDPF12N60NZ FAIRCHILD-FDPF12N60NZ Datasheet
376Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
FDP7N60NZ FAIRCHILD-FDP7N60NZ Datasheet
354Kb / 10P
   N-Channel UniFETTM II MOSFET
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDPF3N50NZ FAIRCHILD-FDPF3N50NZ Datasheet
328Kb / 9P
   N-Channel UniFETTM II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFETTM II MOSFET?
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
FDPF5N50NZU FAIRCHILD-FDPF5N50NZU Datasheet
337Kb / 8P
   N-Channel UniFETTM II Ultra FRFETTM MOSFET?
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com