データシートサーチシステム |
|
AM26LV400BB-55RFC データシート(PDF) 4 Page - SPANSION |
|
AM26LV400BB-55RFC データシート(HTML) 4 Page - SPANSION |
4 / 48 page 2 Am29LV400B 21523D4 December 4, 2006 D A TA SH EE T GENERAL DESCRIPTION The Am29LV400B is a 4 Mbit, 3.0 volt-only Flash memory organized as 524,288 bytes or 262,144 words. The device is offered in 48-ball FBGA, 44-pin SO, and 48-pin TSOP packages. The word-wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. This device is designed to be programmed in-system using only a single 3.0 volt V CC supply. No V PP is required for write or erase opera- tions. The device can also be programmed in standard EPROM programmers. This device is manufactured using AMD’s 0.32 µm pro- cess technology, and offers all the features and bene- fits of the Am29LV400, which was manufactured using 0. 5 µm process technology. In addit i on, t h e Am29LV400B features unlock bypass programming and in-system sector protection/unprotection. The standard device offers access times of 55, 70, 90 and 120 ns, allowing high speed microprocessors to operate without wait states. To eliminate bus conten- tion the device has separate chip enable (CE#), write enable (WE#) and output enable (OE#) controls. The device requires only a single 3.0 volt power sup- ply for both read and write functions. Internally gener- ated and regulated voltages are provided for the program and erase operations. The device is entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to the command register using standard microprocessor write timings. Register con- tents serve as input to an internal state-machine that controls the erase and programming circuitry. Write cycles also inter nally latch addresses and data needed for the programming and erase operations. Reading data out of the device is similar to reading from other Flash or EPROM devices. Device programming occurs by executing the program command sequence. This initiates the Embedded Program algorithm—an internal algorithm that auto- matically times the program pulse widths and verifies proper cell margin. The Unlock Bypass mode facili- tates faster programming times by requiring only two write cycles to program data instead of four. Device erasure occurs by executing the erase com- mand sequence. This initiates the Embedded Erase algorithm—an internal algorithm that automatically pre-programs the array (if it is not already programmed) before executing the erase operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin. The host system can detect whether a program or erase operation is complete by observing the RY/BY# pin, or by reading the DQ7 (Data# Polling) and DQ6 (toggle) status bits. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The sector erase architecture allows memory sec- tors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from the factory. Hardware data protection measures include a low V CC detector that automatically inhibits write opera- tions during power transitions. The hardware sector protection feature disables both program and erase operations in any combination of the sectors of mem- ory. This can be achieved in-system or via program- ming equipment. The Erase Suspend feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. True background erase can thus be achieved. The hardware RESET# pin terminates any operation in progress and resets the internal state machine to reading array data. The RESET# pin may be tied to the system reset circuitry. A system reset would thus also reset the device, enabling the system micropro- cessor to read the boot-up firmware from the Flash memory. The device offers two power-saving features. When addresses have been stable for a specified amount of time, the device enters the automatic sleep mode. The system can also place the device into the standby mode. Power consumption is greatly re- duced in both these modes. AMD’s Flash technology combines years of Flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effectiveness. The device electrically erases all bits within a sector si- multaneously via Fowler-Nordheim tunneling. The data is programmed using hot electron injection. |
同様の部品番号 - AM26LV400BB-55RFC |
|
同様の説明 - AM26LV400BB-55RFC |