データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8694ARZ データシート(PDF) 6 Page - Analog Devices

部品番号 AD8694ARZ
部品情報  Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8694ARZ データシート(HTML) 6 Page - Analog Devices

Back Button AD8694ARZ Datasheet HTML 2Page - Analog Devices AD8694ARZ Datasheet HTML 3Page - Analog Devices AD8694ARZ Datasheet HTML 4Page - Analog Devices AD8694ARZ Datasheet HTML 5Page - Analog Devices AD8694ARZ Datasheet HTML 6Page - Analog Devices AD8694ARZ Datasheet HTML 7Page - Analog Devices AD8694ARZ Datasheet HTML 8Page - Analog Devices AD8694ARZ Datasheet HTML 9Page - Analog Devices AD8694ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8691/AD8692/AD8694
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = +5 V or ±2.5 V, unless otherwise noted.
VOS (mV)
0
500
1000
1500
2000
2500
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VS = 5V
VCM = –0.3V TO +3.9V
Figure 7. Input Offset Voltage Distribution
TCVOS (µV/°C)
0
5
10
15
20
25
30
VS = 5V AND 2.7V
VCM = 2.5V
TA = –40°C TO +125°C
4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5
Figure 8. AD8692/AD8694 Input Offset Voltage Drift Distribution
–2000
–1600
–1200
–800
–400
0
400
800
1200
1600
2000
–0.3 0
0.3 0.6 0.9 1.2
1.8
3.0
1.5
2.1 2.4 2.7
3.6
3.3
3.9
COMMON-MODE VOLTAGE (V)
VS = 5V
TA = 25°C
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
TEMPERATURE (°C)
–50
0
50
100
150
200
250
300
–40
–20
0
20
40
60
80
100
120
–10
10
30
50
70
90
110
–30
VS = 5V AND 2.7V
Figure 10. Input Bias Current vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
0
1
2
345
6
7
VS (V)
Figure 11. Supply Current vs. Supply Voltage
0
0.5
1.0
1.5
2.0
2.5
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VS = ±2.5V AND ±1.35V
ISY @ ±2.5V
ISY @ ±1.35V
Figure 12. Supply Current vs. Temperature


同様の部品番号 - AD8694ARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8694ARZ AD-AD8694ARZ Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8694ARZ AD-AD8694ARZ Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8694ARZ AD-AD8694ARZ Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
AD8694ARZ-REEL AD-AD8694ARZ-REEL Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8694ARZ-REEL AD-AD8694ARZ-REEL Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
More results

同様の説明 - AD8694ARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com