データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26LV400BT-55RSD データシート(PDF) 42 Page - SPANSION

部品番号 AM26LV400BT-55RSD
部品情報  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo SPANSION - SPANSION

AM26LV400BT-55RSD データシート(HTML) 42 Page - SPANSION

Back Button AM26LV400BT-55RSD Datasheet HTML 38Page - SPANSION AM26LV400BT-55RSD Datasheet HTML 39Page - SPANSION AM26LV400BT-55RSD Datasheet HTML 40Page - SPANSION AM26LV400BT-55RSD Datasheet HTML 41Page - SPANSION AM26LV400BT-55RSD Datasheet HTML 42Page - SPANSION AM26LV400BT-55RSD Datasheet HTML 43Page - SPANSION AM26LV400BT-55RSD Datasheet HTML 44Page - SPANSION AM26LV400BT-55RSD Datasheet HTML 45Page - SPANSION AM26LV400BT-55RSD Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
40
Am29LV400B
21523D4 December 4, 2006
D A TA
SH EE T
BGA BALL CAPACITANCE
Notes:
1.
Sampled, not 100% tested.
2.
Test conditions T
A = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Symbol
Parameter Description
Test Setup
Typ
Max
Unit
C
IN
Input Capacitance
V
IN = 0
4.2
5.0
pF
COUT
Output Capacitance
VOUT = 0
5.4
6.5
pF
C
IN2
Control Pin Capacitance
V
IN = 0
3.9
4.7
pF
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C10
Years
125
°C20
Years


同様の部品番号 - AM26LV400BT-55RSD

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31CD TI-AM26LV31CD Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

同様の説明 - AM26LV400BT-55RSD

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B_06 Datasheet
870Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com