データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AM26LV400BT-55RSD データシート(PDF) 13 Page - SPANSION

部品番号. AM26LV400BT-55RSD
部品情報  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
ダウンロード  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo 

AM26LV400BT-55RSD Datasheet(HTML) 13 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
December 4, 2006 21523D4
Am29LV400B
11
D A TA
SH EE T
rithms). The system can read data t
RH after the RE-
SET# pin returns to V
IH.
Refer to the AC Characteristics tables for RESET# pa-
rameters and to Figure 14 for the timing diagram.
Output Disable Mode
When the OE# input is at V
IH, output from the device is
disabled. The output pins are placed in the high im-
pedance state.
Table 2.
Am29LV400BT Top Boot Sector Address Table
Table 3.
Am29LV400BB Bottom Boot Sector Address Table
Note for Tables 2 and 3: Address range is A17:A-1 in byte mode and A17:A0 in word mode. See “Word/Byte Configuration”
section.
Sector
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0
0
0
X
X
X
64/32
00000h–0FFFFh
00000h–07FFFh
SA1
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA2
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA3
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA4
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA5
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA6
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA7
1110
X
X
32/16
70000h–77FFFh
38000h–3BFFFh
SA8
1111
00
8/4
78000h–79FFFh
3C000h–3CFFFh
SA9
1111
01
8/4
7A000h–7BFFFh
3D000h–3DFFFh
SA10
1111
1
X
16/8
7C000h–7FFFFh
3E000h–3FFFFh
Sector
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Address Range (in hexadecimal)
(x8)
Address Range
(x16)
Address Range
SA0
0000
0
X
16/8
00000h–03FFFh
00000h–01FFFh
SA1
0000
10
8/4
04000h–05FFFh
02000h–02FFFh
SA2
0000
11
8/4
06000h–07FFFh
03000h–03FFFh
SA3
0001
X
X
32/16
08000h–0FFFFh
04000h–07FFFh
SA4
0
0
1
X
X
X
64/32
10000h–1FFFFh
08000h–0FFFFh
SA5
0
1
0
X
X
X
64/32
20000h–2FFFFh
10000h–17FFFh
SA6
0
1
1
X
X
X
64/32
30000h–3FFFFh
18000h–1FFFFh
SA7
1
0
0
X
X
X
64/32
40000h–4FFFFh
20000h–27FFFh
SA8
1
0
1
X
X
X
64/32
50000h–5FFFFh
28000h–2FFFFh
SA9
1
1
0
X
X
X
64/32
60000h–6FFFFh
30000h–37FFFh
SA10
1
1
1
X
X
X
64/32
70000h–7FFFFh
38000h–3FFFFh


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn