データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP56-10 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 BCP56-10
部品情報  80 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP56-10 データシート(HTML) 6 Page - NXP Semiconductors

Back Button BCP56-10 Datasheet HTML 2Page - NXP Semiconductors BCP56-10 Datasheet HTML 3Page - NXP Semiconductors BCP56-10 Datasheet HTML 4Page - NXP Semiconductors BCP56-10 Datasheet HTML 5Page - NXP Semiconductors BCP56-10 Datasheet HTML 6Page - NXP Semiconductors BCP56-10 Datasheet HTML 7Page - NXP Semiconductors BCP56-10 Datasheet HTML 8Page - NXP Semiconductors BCP56-10 Datasheet HTML 9Page - NXP Semiconductors BCP56-10 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BC639_BCP56_BCX56_8
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 08 — 22 June 2007
6 of 15
NXP Semiconductors
BC639; BCP56; BCX56
80 V, 1 A NPN medium power transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
BC639
[1] -
-
150
K/W
BCP56
[1] -
-
195
K/W
[2] -
-
130
K/W
BCX56
[1] -
-
250
K/W
[2] -
-
145
K/W
[3] -
-
100
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
BC639
-
-
40
K/W
BCP56
-
-
17
K/W
BCX56
-
-
30
K/W
FR4 PCB, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT54;
typical values
006aaa088
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01


同様の部品番号 - BCP56-10

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP56-10 PHILIPS-BCP56-10 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Zetex Semiconductors
BCP56-10 ZETEX-BCP56-10 Datasheet
42Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP56-10 SIEMENS-BCP56-10 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP56-10 INFINEON-BCP56-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BCP56-10 INFINEON-BCP56-10 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
More results

同様の説明 - BCP56-10

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC639 NXP-BC639 Datasheet
161Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 08-22 June 2007
BCP56 PHILIPS-BCP56_15 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9-25 October 2011
logo
Nexperia B.V. All right...
BC56PA-Q_SER NEXPERIA-BC56PA-Q_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 24 June 2022
BCX56-Q_SER NEXPERIA-BCX56-Q_SER Datasheet
239Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 2 - 17 June 2022
BCP56T_SER NEXPERIA-BCP56T_SER Datasheet
287Kb / 15P
   80 V, 1 A NPN medium power transistors
Rev. 3 - 1 July 2022
BC56PA_SER NEXPERIA-BC56PA_SER Datasheet
250Kb / 13P
   80 V, 1 A NPN medium power transistors
Rev. 10 - 1 July 2022
BCP56 NEXPERIA-BCP56 Datasheet
1Mb / 22P
   80 V, 1 A NPN medium power transistors
Rev. 9 - 25 October 2011
BCP56H_SER NEXPERIA-BCP56H_SER Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
Rev. 1 - 23 November 2016
BCP56_SER NEXPERIA-BCP56_SER Datasheet
247Kb / 12P
   80 V, 1 A NPN medium power transistors
Rev. 11 - 1 July 2022
BCP56H NEXPERIA-BCP56H Datasheet
1Mb / 16P
   80 V, 1 A NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com