データシートサーチシステム |
|
HCPL-261A-520E データシート(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-261A-520E データシート(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED |
11 / 17 page 11 -60 0 TA – TEMPERATURE – C 100 10 15 -20 5 20 VCC = 5.5 V VO = 5.5 V VE = 2 V VF = 0.8 V 60 -40 0 40 80 -60 0 TA – TEMPERATURE – C 100 60 80 -20 20 20 VCC = 5 V VE = 2 V VOL = 0.6 V IF = 3.5 mA 60 -40 0 40 80 40 1.0 0.01 VF – FORWARD VOLTAGE – V 1.5 10.0 100.0 1.2 0.1 1.4 1.1 1.3 1.0 TA = 85 C TA = 40 C TA = 25 C IF + – VF 0 0 IF – FORWARD INPUT CURRENT – mA 2.0 4.0 5.0 1.0 2.0 0.5 1.5 3.0 1.0 RL = 4 kW RL = 350 Ω RL = 1 kΩ -60 0.2 TA – TEMPERATURE – C 100 0.5 0.6 -20 0.3 20 60 -40 0 40 80 0.4 VCC = 5.5 V VE = 2 V IF = 3.0 mA IO = 16 mA IO = 12.8 mA IO = 9.6 mA IO = 6.4 mA Figure 9. Test circuit for t PHL and tPLH. Figure 4. Typical high level output current vs. temperature. Figure 6. Typical diode input forward current characteristic. Figure 5. Low level output current vs. temper- ature. Figure 7. Typical output voltage vs. forward input current. Figure 8. Typical low level output voltage vs. temperature. OUTPUT V MONITORING NODE O 1.5 V tPHL tPLH IF INPUT O V OUTPUT I = 3.5 mA F I = 1.75 mA F +5 V 7 5 6 8 2 3 4 1 PULSE GEN. Z = 50 Ω t = t = 5 ns O f IF L R RM CC V 0.1 µF BYPASS *CL *C IS APPROXIMATELY 15 pF WHICH INCLUDES PROBE AND STRAY WIRING CAPACITANCE. L GND INPUT MONITORING NODE r HCPL-261A/261N 90% 90% 10% 10% trise tfall VOH VOL |
同様の部品番号 - HCPL-261A-520E |
|
同様の説明 - HCPL-261A-520E |