データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-261N-020E データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-261N-020E
部品情報  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261N-020E データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261N-020E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-020E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
T
S
-55
125
°C
Operating Temperature
T
A
-40
+85
°C
Average Input Current
I
F(AVG)
10
mA
1
Reverse Input Voltage
V
R
3
Volts
Supply Voltage
V
CC
-0.5
7
Volts
2
Enable Input Voltage
V
E
-0.5
5.5
Volts
Output Collector Current (Each Channel)
I
O
50
mA
Output Power Dissipation (Each Channel)
P
O
60
mW
3
Output Voltage (Each channel)
V
O
-0.5
7
Volts
Lead Solder Temperature
260°C for 10 s, 1.6 mm Below Seating Plane
(Through Hole Parts Only)
Solder Reflow Temperature Profile
See Package Outline Drawings section
(Surface Mount Parts Only)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Voltage, Low Level
V
FL
-3
0.8
V
Input Current, High Level
I
FH
3.0
10
mA
Power Supply Voltage
V
CC
4.5
5.5
Volts
High Level Enable Voltage
V
EH
2.0
V
CC
Volts
Low Level Enable Voltage
V
EL
0
0.8
Volts
Fan Out (at R
L = 1 kΩ)
N
5
TTL Loads
Output Pull-up Resistor
R
L
330
4k
Ω
Operating Temperature
T
A
-40
85
°C


同様の部品番号 - HCPL-261N-020E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N-020E AVAGO-HCPL-261N-020E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

同様の説明 - HCPL-261N-020E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com