データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-CB1B-XYBDD データシート(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-CB1B-XYBDD
部品情報  New 5mm Blue and Green LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB1B-XYBDD データシート(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB1B-XYBDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB1B-XYBDD Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Example of Wave Soldering Temperature Profile for TH LED
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature: 255°C ± 5°C
(maximum peak temperature = 260°C)
Dwell time: 3.0 sec - 5.0 sec
(maximum = 5sec)
Note: Allow for board to be sufficiently
cooled to room temperature before
exerting mechanical force.
60 sec Max
TIME (sec)
260°C Max
105°C Max
Ammo Packs Drawing
Note: The ammo-packs drawing is applicable for packaging option –DD & -ZZ and regardless standoff or non-standoff
6.35 ± 1.30
0.250 ± 0.051
12.70 ± 1.00
0.500 ± 0.039
9.125 ± 0.625
0.3595 ± 0.0245
9.125 ± 0.625
0.3595 ± 0.0245
18.00 ± 0.50
0.7085 ± 0.0195
0.70 ± 0.20
0.0275 ± 0.0075 A
A
12.70 ± 0.30
0.500 ± 0.012
VIEW AA
4.00 ± 0.20
0.1575 ± 0.0075
Ø
TYP.
20.5 ± 1.00
0.8070 ± 0.0394
CATHODE


同様の部品番号 - HLMP-CB1B-XYBDD

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB1B-XYBDD AVAGO-HLMP-CB1B-XYBDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-CB1B-XYBDD BOARDCOM-HLMP-CB1B-XYBDD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
More results

同様の説明 - HLMP-CB1B-XYBDD

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-CX1A BOARDCOM-HLMP-CX1A Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CX1A AVAGO-HLMP-CX1A Datasheet
236Kb / 11P
   New 5mm Blue and Green LED Lamps
HLMP-CB1A-XY0DD AVAGO-HLMP-CB1A-XY0DD Datasheet
381Kb / 12P
   New 5mm Blue and Green LED Lamps High luminous output
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-PM00-N0000 AVAGO-HLMP-PM00-N0000 Datasheet
145Kb / 7P
   Subminiature Blue and Green InGaN LED Lamps
logo
A-BRIGHT Inc
AL-513B3C A-BRIGHT-AL-513B3C Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B3C-A A-BRIGHT-AL-513B3C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
AL-513B4C-A A-BRIGHT-AL-513B4C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/25
AL-513B5C-A A-BRIGHT-AL-513B5C-A Datasheet
311Kb / 5P
   5mm Round LED Lamps
2006/9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com