データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3S1002FTB1,115 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 SL3S1002FTB1,115
部品情報  UCODE G2XM and G2XL
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002FTB1,115 データシート(HTML) 10 Page - NXP Semiconductors

Back Button SL3S1002FTB1,115 Datasheet HTML 6Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 7Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 8Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 9Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 10Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 11Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 12Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 13Page - NXP Semiconductors SL3S1002FTB1,115 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
139037
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 9 October 2012
139037
10 of 51
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
8.
Mechanical specification
8.1 Wafer specification
See Ref. 20 “Data sheet - Delivery type description – General specification for 8” wafer on
UV-tape with electronic fail die marking, BL-ID document number: 1093**”.
8.1.1 Wafer
Designation:
each wafer is scribed with batch number and
wafer number
Diameter:
200 mm (8”)
Thickness:
150
m ± 15 m
Number of pads
4
Pad location:
non diagonal/ placed in chip corners
Distance pad to pad RFN-RFP
333.0 µm
Distance pad to pad TP1-RFN:
351.0 µm
Process:
CMOS 0.14 µm
Batch size:
25 wafers
Dies per wafer:
120.000
8.1.2 Wafer backside
Material:
Si
Treatment:
ground and stress release
Roughness:
Ra max. 0.5 m, Rt max. 5 m
8.1.3 Chip dimensions
Die size without scribe:
0.414 mm x 0.432 mm = 0.178 mm2
Scribe line width:
x-dimension:56.4
m (width is measured on top metal layer)
y-dimension:56.4
m (width is measured on top metal layer)
8.1.4 Passivation on front
Type
Sandwich structure
Material:
PE-Nitride (on top)
Thickness:
1.75
m total thickness of passivation


同様の部品番号 - SL3S1002FTB1,115

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SL3S1002FTB1 NXP-SL3S1002FTB1 Datasheet
1Mb / 56P
   512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
More results

同様の説明 - SL3S1002FTB1,115

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
   UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
   UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
SL3S1203_1213 NXP-SL3S1203_1213 Datasheet
461Kb / 22P
   UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
   UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
   UCODE I2C
Rev.3.5-18 September 2018
SL3S1003_1013 NXP-SL3S1003_1013 Datasheet
442Kb / 43P
   UCODE G2iM and G2iM
Rev. 3.7-21 May 2015
SL3S1003 NXP-SL3S1003 Datasheet
396Kb / 48P
   UCODE G2iM and G2iM
Rev. 3.8-5 February 2019
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
   UCODE HSL
October 2003
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
   UCODE 7m
Rev. 3.4-6 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com