データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3S1002FTT データシート(PDF) 3 Page - NXP Semiconductors

部品番号 SL3S1002FTT
部品情報  UCODE G2XM and G2XL
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1002FTT データシート(HTML) 3 Page - NXP Semiconductors

  SL3S1002FTT Datasheet HTML 1Page - NXP Semiconductors SL3S1002FTT Datasheet HTML 2Page - NXP Semiconductors SL3S1002FTT Datasheet HTML 3Page - NXP Semiconductors SL3S1002FTT Datasheet HTML 4Page - NXP Semiconductors SL3S1002FTT Datasheet HTML 5Page - NXP Semiconductors SL3S1002FTT Datasheet HTML 6Page - NXP Semiconductors SL3S1002FTT Datasheet HTML 7Page - NXP Semiconductors SL3S1002FTT Datasheet HTML 8Page - NXP Semiconductors SL3S1002FTT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
139037
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.7 — 9 October 2012
139037
3 of 51
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
3.
Applications
Supply chain management
Item level tagging
Asset management
Container identification
Pallet and case tracking
Product authentication
Outside above mentioned applications, please contact NXP Semiconductors for support.
4.
Ordering information
Table 1.
Ordering information G2XM
Type number
Package
Name
Description
Version
SL3ICS1002FUG/V7AF
Wafer
Bumped die on sawn wafer
-
SL3S1002FTT
TSSOP8
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
SL3S1002FTB1
XSON3
plastic extremely thin small outline
package;3 terminals;
body 1 x 1.45 x 0,5 mm
SOT1122
Table 2.
Ordering information G2XL
Type number
Package
Name
Description
Version
SL3ICS1202FUG/V7AF
Wafer
Bumped die on sawn wafer
-
SL3S1202FTT
TSSOP8
plastic thin shrink small outline package;
8 leads; body width 3 mm
SOT505-1
SL3S1202FTB1
XSON3
plastic extremely thin small outline
package;3 terminals;
body 1 x 1.45 x 0,5 mm
SOT1122


同様の部品番号 - SL3S1002FTT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SL3S1002FTT NXP-SL3S1002FTT Datasheet
1Mb / 56P
   512-bit user memory (G2XM only)
Rev. 3.6-10 March 2011
More results

同様の説明 - SL3S1002FTT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SL3S1004 NXP-SL3S1004 Datasheet
591Kb / 33P
   UCODE 7xm and UCODE 7xm
Rev. 3.2-27 July 2016
SL3S10X4 NXP-SL3S10X4 Datasheet
336Kb / 39P
   UCODE 7xm-1k, UCODE 7xm-2k and UCODE 7xm
Rev. 3.4 - 16 June 2020
SL3S1203_1213 NXP-SL3S1203_1213 Datasheet
461Kb / 22P
   UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1204 NXP-SL3S1204 Datasheet
347Kb / 40P
   UCODE 7
Rev. 4.0-5 March 2019
SL3S4011 NXP-SL3S4011 Datasheet
314Kb / 30P
   UCODE I2C
Rev.3.5-18 September 2018
SL3S1003_1013 NXP-SL3S1003_1013 Datasheet
442Kb / 43P
   UCODE G2iM and G2iM
Rev. 3.7-21 May 2015
SL3S1003 NXP-SL3S1003 Datasheet
396Kb / 48P
   UCODE G2iM and G2iM
Rev. 3.8-5 February 2019
SL3ICS30 PHILIPS-SL3ICS30 Datasheet
56Kb / 9P
   UCODE HSL
October 2003
SL3S1214 NXP-SL3S1214 Datasheet
308Kb / 34P
   UCODE 7m
Rev. 3.4-6 March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com