データシートサーチシステム |
|
LM2575TV-5G データシート(PDF) 3 Page - ON Semiconductor |
|
LM2575TV-5G データシート(HTML) 3 Page - ON Semiconductor |
3 / 28 page LM2575, NCV2575 http://onsemi.com 3 OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.) Rating Symbol Value Unit Operating Junction Temperature Range TJ −40 to +125 °C Supply Voltage Vin 40 V SYSTEM PARAMETERS ([Note 1] Test Circuit Figure 14) ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and Adjustable version, Vin = 25 V for the 12 V version, and Vin = 30 V for the 15 V version. ILoad = 200 mA. For typical values TJ = 25°C, for min/max values TJ is the operating junction temperature range that applies [Note 2], unless otherwise noted.) Characteristics Symbol Min Typ Max Unit LM2575−3.3 (Note 1 Test Circuit Figure 14) Output Voltage (Vin = 12 V, ILoad = 0.2 A, TJ = 25°C) Vout 3.234 3.3 3.366 V Output Voltage (4.75 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A) Vout V TJ = 25°C 3.168 3.3 3.432 TJ = −40 to +125°C 3.135 − 3.465 Efficiency (Vin = 12 V, ILoad = 1.0 A) η − 75 − % LM2575−5 ([Note 1] Test Circuit Figure 14) Output Voltage (Vin = 12 V, ILoad = 0.2 A, TJ = 25°C) Vout 4.9 5.0 5.1 V Output Voltage (8.0 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A) Vout V TJ = 25°C 4.8 5.0 5.2 TJ = −40 to +125°C 4.75 − 5.25 Efficiency (Vin = 12 V, ILoad = 1.0 A) η − 77 − % LM2575−12 (Note 1 Test Circuit Figure 14) Output Voltage (Vin = 25 V, ILoad = 0.2 A, TJ = 25°C) Vout 11.76 12 12.24 V Output Voltage (15 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A) Vout V TJ = 25°C 11.52 12 12.48 TJ = −40 to +125°C 11.4 − 12.6 Efficiency (Vin = 15V, ILoad = 1.0 A) η − 88 − % LM2575−15 (Note 1 Test Circuit Figure 14) Output Voltage (Vin = 30 V, ILoad = 0.2 A, TJ = 25°C) Vout 14.7 15 15.3 V Output Voltage (18 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A) Vout V TJ = 25°C 14.4 15 15.6 TJ = −40 to +125°C 14.25 − 15.75 Efficiency (Vin = 18 V, ILoad = 1.0 A) η − 88 − % LM2575 ADJUSTABLE VERSION (Note 1 Test Circuit Figure 14) Feedback Voltage (Vin = 12 V, ILoad = 0.2 A, Vout = 5.0 V, TJ = 25°C) VFB 1.217 1.23 1.243 V Feedback Voltage (8.0 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A, Vout = 5.0 V) VFB V TJ = 25°C 1.193 1.23 1.267 TJ = −40 to +125°C 1.18 − 1.28 Efficiency (Vin = 12 V, ILoad = 1.0 A, Vout = 5.0 V) η − 77 − % 1. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance. When the LM2575 is used as shown in the Figure 14 test circuit, system performance will be as shown in system parameters section. 2. Tested junction temperature range for the LM2575 and the NCV2575: Tlow = −40°C Thigh = +125°C |
同様の部品番号 - LM2575TV-5G |
|
同様の説明 - LM2575TV-5G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |