データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR423 データシート(PDF) 6 Page - Analog Devices

部品番号 ADR423
部品情報  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR423 データシート(HTML) 6 Page - Analog Devices

Back Button ADR423 Datasheet HTML 2Page - Analog Devices ADR423 Datasheet HTML 3Page - Analog Devices ADR423 Datasheet HTML 4Page - Analog Devices ADR423 Datasheet HTML 5Page - Analog Devices ADR423 Datasheet HTML 6Page - Analog Devices ADR423 Datasheet HTML 7Page - Analog Devices ADR423 Datasheet HTML 8Page - Analog Devices ADR423 Datasheet HTML 9Page - Analog Devices ADR423 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5545/AD5555
Data Sheet
Rev. G | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5545/
AD5555
TOP VIEW
(Not to Scale)
8
7
6
5
1
4
3
2
9
10
11
12
16
13
14
15
CS
DGND
CLK
VDD
MSB
LDAC
RS
SDI
VREFB
RFBB
AGNDB
IOUTB
RFBA
AGNDA
IOUTA
VREFA
02918- 0- 002
Figure 4. 16-Lead TSSOP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFBA
Establish voltage output for DAC A by connecting this pin to an external amplifier output.
2
VREFA
DAC A Reference Voltage Input Terminal. Establishes DAC A full-scale output voltage. This pin can
be tied to the VDD pin.
3
IOUTA
DAC A Current Output.
4
AGNDA
DAC A Analog Ground.
5
AGNDB
DAC B Analog Ground.
6
IOUTB
DAC B Current Output.
7
VREFB
DAC B Reference Voltage Input Terminal. Establishes DAC B full-scale output voltage.
This pin can be tied to the VDD pin.
8
RFBB
Establish voltage output for DAC B by the RFBB pin connecting to an external amplifier output.
9
SDI
Serial Data Input. Input data loads directly into the shift register.
10
RS
Reset Pin, Active Low Input. Input registers and DAC registers are set to all 0s or midscale. Register
Data = 0x0000 when MSB = 0. Register Data = 0x8000 for AD5545 and 0x2000 for AD5555 when
MSB = 1.
11
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers serial register
data to the input register when CS/LDAC returns high. This does not affect LDAC operation.
12
DGND
Digital Ground Pin.
13
VDD
Positive Power Supply Input. Specified range of operation 5 V ± 10%.
14
MSB
MSB bit sets output to either 0 or midscale during a RESET pulse (RS) or at system power-on.
Output equals zero scale when MSB = 0 and midscale when MSB = 1. MSB pin can also be tied
permanently to ground or VDD.
15
LDAC
Load DAC Register Strobe, Level Sensitive Active Low. Transfers all input register data to DAC
registers. Asynchronous active low input. See Table 7 and Table 8 for operation.
16
CLK
Clock Input. Positive edge clocks data into shift register.


同様の部品番号 - ADR423

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR423 AD-ADR423 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423 AD-ADR423 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
ADR423AR AD-ADR423AR Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423AR-REEL7 AD-ADR423AR-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423ARM-REEL7 AD-ADR423ARM-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
More results

同様の説明 - ADR423

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com