データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7814ARM データシート(PDF) 7 Page - Analog Devices

部品番号 AD7814ARM
部品情報  10-Bit Digital Temperature Sensor in 6-Lead SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7814ARM データシート(HTML) 7 Page - Analog Devices

  AD7814ARM Datasheet HTML 1Page - Analog Devices AD7814ARM Datasheet HTML 2Page - Analog Devices AD7814ARM Datasheet HTML 3Page - Analog Devices AD7814ARM Datasheet HTML 4Page - Analog Devices AD7814ARM Datasheet HTML 5Page - Analog Devices AD7814ARM Datasheet HTML 6Page - Analog Devices AD7814ARM Datasheet HTML 7Page - Analog Devices AD7814ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
REV. E
–7–
AD7814
AD7814*
SCLK
DOUT
DIN
CS
8051*
P3.1
P3.0
P1.2
P1.3
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 4. AD7814 to 8051 Interface
AD7814 to PIC16C6x/7x Interface
Figure 5 shows an interface circuit between the AD7814 and the
PIC16C6x/7x microcontroller. The PIC16C6x/7x synchronous
serial port (SSP) is configured as an SPI master with the clock
polarity bit set to a logic one. In this mode, the serial clock line
of the PIC16C6x/7x idles high between data transfers. Data is
transferred to and from the AD7814 in two 8-bit serial data
operations. In the example shown, port line RA1 is being used
to generate the
CS for the AD7814.
AD7814*
SCLK
DOUT
DIN
CS
PIC16C6x/7x*
SCK
SDO
SDI
RA1
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 5. AD7814 to PIC16C6x/7x Interface
AD7814 to ADSP-21xx Interface
Figure 6 shows an interface between the AD7814 and the
ADSP-21xx DSP processor. To ensure correct operation of the
interface, the SPORT control register should be set up as follows:
TFSW = RFSW = 1, Alternate Framing
INVRFS = INVTFS = 1, Active Low Framing Signal
DTYPE = 00, Right Justify Data
SLEN = 1111, 16-Bit Data Words
ISCLK = 1, Internal Serial Clock
TFSR = RFS = 1, Frame Every Word
IRFS = 0, RFS Configured As Input
ITFS = 1, TFS Configured As Output
The interface requires an inverter between the SCLK line of the
ADSP-21xx and the SCLK input of the AD7814. The ADSP-
21xx has the TFS and RFS of the SPORT tied together with
TFS set as an output and RFS set as an input. The DSP operates
in alternate framing mode and the SPORT control register is set
up as described earlier.
AD7814*
SCLK
DOUT
DIN
CS
ADSP-21xx*
SCK
DR
DT
RFS
*ADDITIONAL PINS OMITTED FOR CLARITY
TFS
Figure 6. AD7814 to ADSP-21xx Interface
MOUNTING THE AD7814
The AD7814 can be used for surface or air temperature sensing
applications. If the device is cemented to a surface with ther-
mally conductive adhesive, the die temperature will be within
about 0.1
°C of the surface temperature, thanks to the device’s
low power consumption. Care should be taken to insulate the
back and leads of the device from the air, if the ambient air
temperature is different from the surface temperature being
measured.
The ground pin provides the best thermal path to the die, so the
temperature of the die will be close to that of the printed circuit
ground track. Care should be taken to ensure that this is in good
thermal contact with the surface being measured.
As with any IC, the AD7814 and its associated wiring and cir-
cuits must be kept free from moisture to prevent leakage and
corrosion, particularly in cold conditions where condensation is
more likely to occur. Water-resistant varnishes and conformal
coatings can be used for protection. The small size of the
AD7814 package allows it to be mounted inside sealed metal
probes, which provide a safe environment for the device.
SUPPLY DECOUPLING
The AD7814 should be decoupled with a 0.1
µF ceramic
capacitor between VDD and GND. This is particularly important
if the AD7814 is mounted remotely from the power supply.
TEMPERATURE – C
–0.4
–55
–0.2
0
0.2
0.4
0.6
0.8
1.0
–40
0
25
40
85
100
120
Figure 7. Typical Temperature Error


同様の部品番号 - AD7814ARM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7814ARM AD-AD7814ARM Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM AD-AD7814ARM Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7814ARM-REEL AD-AD7814ARM-REEL Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM-REEL AD-AD7814ARM-REEL Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7814ARM-REEL7 AD-AD7814ARM-REEL7 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
More results

同様の説明 - AD7814ARM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com