データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


HUFA75309D3S データシート(Datasheet) 7 Page - Fairchild Semiconductor

部品番号. HUFA75309D3S
部品情報  19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
ダウンロード  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo 

 
 7 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75309P3, HUFA75309D3, HUFA75309D3S Rev. B
PSPICE Electrical Model
.SUBCKT HUFA75309 2 1 3 ;
rev 30June97
CA 12 8 3.85e-10
CB 15 14 4.15e-10
CIN 6 8 3.17e-10
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 59.22
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 2.24e-9
LSOURCE 3 7 2.09e-9
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 9.1e-3
RGATE 9 20 1.27
RLDRAIN 2 5 10
RLGATE 1 9 22.4
RLSOURCE 3 7 20.9
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 4.0e-3
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*43),4.5))}
.MODEL DBODYMOD D (IS = 3.0e-13 RS = 1.04e-2 TRS1 = 1.89e-3 TRS2 = 0 CJO = 5.25e-10 TT = 3.09e-8 M = 0.5)
.MODEL DBREAKMOD D (RS = 2.66e- 1TRS1 = 1.31e- 4TRS2 = 1.34e-5)
.MODEL DPLCAPMOD D (CJO = 3.8e-1 0IS = 1e-3 0N = 10 M = 0.79)
.MODEL MMEDMOD NMOS (VTO = 3.45 KP = 2 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 1.27)
.MODEL MSTROMOD NMOS (VTO = 3.95 KP = 19 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 3.05KP = 0.05 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 12.7 RS = 0.1)
.MODEL RBREAKMOD RES (TC1 = 1.05e- 3TC2 = 1.21e-7)
.MODEL RDRAINMOD RES (TC1 = 3.1e-2 TC2 = 3.7e-5)
.MODEL RSLCMOD RES (TC1 = 2.71e-3 TC2 = 1.07e-5)
.MODEL RSOURCEMOD RES (TC1 = 0 TC2 = 0)
.MODEL RVTHRESMOD RES (TC = -3.31e-3 TC2 = -4.31e-6)
.MODEL RVTEMPMOD RES (TC1 = -1.62e- 3TC2 = 1.29e-6)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -6.0 VOFF= -3.0)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3.0 VOFF= -6.0)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 1.9 VOFF= 4.9)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 4.9 VOFF= 1.9)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
HUFA75309P3, HUFA75309D3, HUFA75309D3S




Html ページ

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
HUF75309P319A 55V 0.070 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUF75309P319A 55V 0.070 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUF75337G375A 55V 0.014 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUF75329D320A 55V 0.026 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA75337G375A 55V 0.014 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUF75339G375A 55V 0.012 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUF75329G349A 55V 0.024 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA75339G375A 55V 0.012 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUF75343G375A 55V 0.009 Ohm N-Channel UltraFET Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
HUF75309T3ST3A 55V 0.070 Ohm N-Channel UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl