データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


HUFA75433S3ST データシート(Datasheet) 2 Page - Fairchild Semiconductor

部品番号. HUFA75433S3ST
部品情報  N-Channel UltraFET MOSFETs 60V, 64A, 16mΩ
ダウンロード  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo 

 
 2 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V
GS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 200µH, IAS = 50A
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
75433S3
HUFA75433S3ST
TO-263
330mm
24mm
800 units
75433S3
HUFA75433S3S
TO-263
Tube
N/A
50 units
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
60
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 55V, VGS = 0V
-
-
1
µA
VDS = 45V
VGS = 0V
TC=150
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA2
-
4
V
rDS(ON)
Drain to Source On Resistance
ID = 64A, VGS = 10V
-
0.013
0.016
ID = 64A, VGS = 10V,
TJ = 175
oC
-
0.029
0.035
CISS
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1MHz
-
1550
-
pF
COSS
Output Capacitance
-
540
-
pF
CRSS
Reverse Transfer Capacitance
-
150
-
pF
Qg(TOT)
Total Gate Charge at 20V
VGS = 0V to 20V
VDD = 30V
ID = 64A
Ig = 1.0mA
90
117
nC
Qg(10)
Total Gate Charge at 10V
VGS = 0V to 10V
-
50
65
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 2V
-
3
3.9
nC
Qgs
Gate to Source Gate Charge
-
6
-
nC
Qgd
Gate to Drain “Miller” Charge
-
20
-
nC
tON
Turn-On Time
VDD = 30V, ID = 64A
VGS = 10V, RGS = 6.2Ω
-
-
155
ns
td(ON)
Turn-On Delay Time
-
11
-
ns
tr
Rise Time
-
92
-
ns
td(OFF)
Turn-Off Delay Time
-
39
-
ns
tf
Fall Time
-
26
-
ns
tOFF
Turn-Off Time
-
-
98
ns
VSD
Source to Drain Diode Voltage
ISD = 64A
-
-
1.25
V
ISD = 32A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 64A, dISD/dt = 100A/µs-
-
37
ns
QRR
Reverse Recovered Charge
ISD = 64A, dISD/dt = 100A/µs-
-
42
nC




Html ページ

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
HUFA76437P364A 60V 0.017 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76429D320A 60V 0.027 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76429P344A 60V 0.025 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76432P355A 60V 0.019 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA75429D3SN-Channel UltraFET MOSFETs 60V 20A 25mΩ 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76407D311A 60V 0.107 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76409D317A 60V 0.071 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUF76437P364A 60V 0.017 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
HUFA76413D320A 60V 0.056 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76419D320A 60V 0.043 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl