データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD244CG データシート(PDF) 6 Page - ON Semiconductor

部品番号 BD244CG
部品情報  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD244CG データシート(HTML) 6 Page - ON Semiconductor

  BD244CG Datasheet HTML 1Page - ON Semiconductor BD244CG Datasheet HTML 2Page - ON Semiconductor BD244CG Datasheet HTML 3Page - ON Semiconductor BD244CG Datasheet HTML 4Page - ON Semiconductor BD244CG Datasheet HTML 5Page - ON Semiconductor BD244CG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BD243B, BD243C (NPN) BD244B, BD244C (PNP)
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AG
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.036
0.64
0.91
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.161
2.80
4.10
J
0.014
0.025
0.36
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
BD243B/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


同様の部品番号 - BD244CG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BD244CG ONSEMI-BD244CG Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
More results

同様の説明 - BD244CG

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com