データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB1F-24V データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 CB1F-24V
部品情報  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1F-24V データシート(HTML) 2 Page - Panasonic Semiconductor

  CB1F-24V Datasheet HTML 1Page - Panasonic Semiconductor CB1F-24V Datasheet HTML 2Page - Panasonic Semiconductor CB1F-24V Datasheet HTML 3Page - Panasonic Semiconductor CB1F-24V Datasheet HTML 4Page - Panasonic Semiconductor CB1F-24V Datasheet HTML 5Page - Panasonic Semiconductor CB1F-24V Datasheet HTML 6Page - Panasonic Semiconductor CB1F-24V Datasheet HTML 7Page - Panasonic Semiconductor CB1F-24V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
TYPES
1. Standard type
Standard packing; Carton: 50 pcs. Case: 200 pcs.
Note: Please use “CB
∗∗∗R∗∗” to order with resistor inside type. (Asterisks “∗” should be filled in from ORDERING INFORMATION.)
2. Heat resistant type
Standard packing; Carton: 50 pcs. Case: 200 pcs.
Note: Please use “CB
∗∗∗R∗∗” to order with resistor inside type. (Asterisks “∗” should be filled in from ORDERING INFORMATION.)
RATING
1. Coil data
1) No protective element
Note: Other pick-up voltage types are also available. Please contact us for details.
2) With resistor inside
Contact arrangement
Mounting classification
Nominal coil voltage
Sealed type
Flux-resistant type
Part No.
Part No.
1 Form A
PC board type
12V DC
CB1a-P-12V
CB1aF-P-12V
24V DC
CB1a-P-24V
CB1aF-P-24V
Plug-in type
12V DC
CB1a-12V
CB1aF-12V
24V DC
CB1a-24V
CB1aF-24V
Bracket type
12V DC
CB1a-M-12V
CB1aF-M-12V
24V DC
CB1a-M-24V
CB1aF-M-24V
1 Form C
PC board type
12V DC
CB1-P-12V
CB1F-P-12V
24V DC
CB1-P-24V
CB1F-P-24V
Plug-in type
12V DC
CB1-12V
CB1F-12V
24V DC
CB1-24V
CB1F-24V
Bracket type
12V DC
CB1-M-12V
CB1F-M-12V
24V DC
CB1-M-24V
CB1F-M-24V
High contact capacity
(1 Form A)
PC board type*
12V DC
CB1aH-P-12V
CB1aHF-P-12V
24V DC
CB1aH-P-24V
CB1aHF-P-24V
Plug-in type
12V DC
CB1aH-12V
CB1aHF-12V
24V DC
CB1aH-24V
CB1aHF-24V
Bracket type
12V DC
CB1aH-M-12V
CB1aHF-M-12V
24V DC
CB1aH-M-24V
CB1aHF-M-24V
Contact arrangement
Mounting classification
Nominal coil voltage
Sealed type
Flux-resistant type
Part No.
Part No.
1 Form A
PC board type
12V DC
CB1a-T-P-12V
CB1aF-T-P-12V
24V DC
CB1a-T-P-24V
CB1aF-T-P-24V
Plug-in type
12V DC
CB1a-T-12V
CB1aF-T-12V
24V DC
CB1a-T-24V
CB1aF-T-24V
Bracket type
12V DC
CB1a-T-M-12V
CB1aF-T-M-12V
24V DC
CB1a-T-M-24V
CB1aF-T-M-24V
1 Form C
PC board type
12V DC
CB1-T-P-12V
CB1F-T-P-12V
24V DC
CB1-T-P-24V
CB1F-T-P-24V
Plug-in type
12V DC
CB1-T-12V
CB1F-T-12V
24V DC
CB1-T-24V
CB1F-T-24V
Bracket type
12V DC
CB1-T-M-12V
CB1F-T-M-12V
24V DC
CB1-T-M-24V
CB1F-T-M-24V
High contact capacity
(1 Form A)
PC board type*
12V DC
CB1aH-T-P-12V
CB1aHF-T-P-12V
24V DC
CB1aH-T-P-24V
CB1aHF-T-P-24V
Plug-in type
12V DC
CB1aH-T-12V
CB1aHF-T-12V
24V DC
CB1aH-T-24V
CB1aHF-T-24V
Bracket type
12V DC
CB1aH-T-M-12V
CB1aHF-T-M-12V
24V DC
CB1aH-T-M-24V
CB1aHF-T-M-24V
Contact
arrangement
Nominal coil
voltage
Pick-up voltage
Drop-out voltage
Nominal operating
current
Coil resistance
Nominal operating
power
Usable voltage
range
1 Form A,
1 Form C
12V DC
3 to 7V DC
1.2 to 4.2V DC
117mA
103
1.4W
10 to 16V DC
24V DC
6 to 14V DC
2.4 to 8.4V DC
75mA
320
1.8W
20 to 32V DC
High contact
capacity
(1 Form A)
12V DC
3 to 7V DC
1.2 to 4.2V DC
117mA
103
1.4W (PC board type)
10 to 16V DC
150mA
80
1.8W
24V DC
6 to 14V DC
2.4 to 8.4V DC
58mA
411
1.4W (PC board type)
20 to 32V DC
75mA
320
1.8W
Contact
arrangement
Nominal coil
voltage
Pick-up voltage
(Initial, at 20
°C 68°F)
Drop-out voltage
(Initial, at 20
°C 68°F)
Nominal operating
current
(at 20
°C 68°F)
Combined resistance
(
±10%)
(at 20
°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Usable voltage
range
1 Form A,
1 Form C
12V DC
3 to 7V DC
1.2 to 4.2V DC
134mA
89.5
1.6W
10 to 16V DC
24V DC
6 to 14V DC
2.4 to 8.4V DC
84mA
287.2
2.0W
20 to 32V DC


同様の部品番号 - CB1F-24V

メーカー部品番号データシート部品情報
logo
Nais(Matsushita Electri...
CB1F-24V NAIS-CB1F-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1F-24V PANASONIC-CB1F-24V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

同様の説明 - CB1F-24V

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com