データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76407D3 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 HUFA76407D3
部品情報  11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76407D3 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button HUFA76407D3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA76407D3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76407D3, HUFA76407D3S Rev. B
SPICE Thermal Model
REV 28June 1999
HUFA76407T
CTHERM1 th 6 4.5e-4
CTHERM2 6 5 2.5e-3
CTHERM3 5 4 1.9e-3
CTHERM4 4 3 2.6e-3
CTHERM5 3 2 5.5e-3
CTHERM6 2 tl 1.8e-2
RTHERM1 th 6 3.1e-2
RTHERM2 6 5 15.1e-2
RTHERM3 5 4 4.2e-1
RTHERM4 4 3 8.4e-1
RTHERM5 3 2 8.7e-1
RTHERM6 2 tl 1.5
SABER Thermal Model
SABER thermal model HUFA76407T
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 4.5e-4
ctherm.ctherm2 6 5 = 2.5e-3
ctherm.ctherm3 5 4 = 1.9e-3
ctherm.ctherm4 4 3 = 2.6e-3
ctherm.ctherm5 3 2 = 5.5e-3
ctherm.ctherm6 2 tl = 1.8e-2
rtherm.rtherm1 th 6 = 3.1e-2
rtherm.rtherm2 6 5 = 15.1e-2
rtherm.rtherm3 5 4 = 4.2e-1
rtherm.rtherm4 4 3 = 8.4e-1
rtherm.rtherm5 3 2 = 8.7e-1
rtherm.rtherm6 2 tl = 1.5
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE
HUFA76407D3, HUFA76407D3S


同様の部品番号 - HUFA76407D3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76407DK8 FAIRCHILD-HUFA76407DK8 Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T Datasheet
263Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
ON Semiconductor
HUFA76407DK8T-F085 ONSEMI-HUFA76407DK8T-F085 Datasheet
976Kb / 7P
   Dual N-Channel Logic Level UltraFET짰 Power MOSFET 60 V, 3.5 A, 105 m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
HUFA76407DK8T FAIRCHILD-HUFA76407DK8T_10 Datasheet
548Kb / 12P
   3.5A, 60V, 0.105 Ohm, Dual N-Channel, Logic Level UltraFET짰 Power MOSFET
More results

同様の説明 - HUFA76407D3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFD3055LE INTERSIL-RFD3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055LE FAIRCHILD-RFD3055LE Datasheet
416Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
HUF76407D3 INTERSIL-HUF76407D3 Datasheet
334Kb / 9P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76407P3 INTERSIL-HUF76407P3 Datasheet
340Kb / 9P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76407P3 FAIRCHILD-HUFA76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423P3 FAIRCHILD-HUFA76423P3 Datasheet
241Kb / 10P
   33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com