データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD22M3494SQ データシート(PDF) 2 Page - Intersil Corporation

部品番号 CD22M3494SQ
部品情報  16 x 8 x 1 BiMOS-E Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3494SQ データシート(HTML) 2 Page - Intersil Corporation

  CD22M3494SQ Datasheet HTML 1Page - Intersil Corporation CD22M3494SQ Datasheet HTML 2Page - Intersil Corporation CD22M3494SQ Datasheet HTML 3Page - Intersil Corporation CD22M3494SQ Datasheet HTML 4Page - Intersil Corporation CD22M3494SQ Datasheet HTML 5Page - Intersil Corporation CD22M3494SQ Datasheet HTML 6Page - Intersil Corporation CD22M3494SQ Datasheet HTML 7Page - Intersil Corporation CD22M3494SQ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN2793.7
January 16, 2006
Ordering Information
PART NUMBER
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG.
#
CD22M3494E
CD22M3494E
-40 to 85
40 Ld PDIP
E40.6
CD22M3494EZ (See Note)
CD22M3494EZ
-40 to 85
40 Ld PDIP** (Pb-free)
E40.6
CD22M3494MQ*
CD22M3494MQ
-40 to 85
44 Ld PLCC (Mitel Ld Compatible)
N44.65
CD22M3494MQZ* (See Note)
CD22M3494MQZ
-40 to 85
44 Ld PLCC (Mitel Ld Compatible) (Pb-free)
N44.65
CD22M3494MQA*
CD22M3494MQA
-40 to 85
44 Ld PLCC (Mitel Ld Compatible)
N44.65
CD22M3494MQAZ* (See Note)
CD22M3494MQAZ
-40 to 85
44 Ld PLCC (Mitel Ld Compatible) (Pb-free)
N44.65
CD22M3494SQ
CD22M3494SQ
-40 to 85
44 Ld PLCC (SGS Ld Compatible)
N44.65
CD22M3494SQZ (See Note)
CD22M3494SQZ
-40 to 85
44 Ld PLCC (SGS Ld Compatible) (Pb-free)
N44.65
*Add “96” suffix for tape and reel.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing. applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
CD22M3494E
(PDIP)
TOP VIEW
CD22M3494MQ
(PLCC) (MITEL LEAD COMPATIBLE)
TOP VIEW
CD22M3494SQ
(PLCC) (SGS LEAD COMPATIBLE)
TOP VIEW
DATA
Y2
Y1
Y0
X1
X0
NC
X3
AX2
Y4
AY0
AX1
AY1
X13
X12
X5
X4
CS
VDD
X2
Y6
STROBE
Y5
X11
X10
X7
X6
X15
X14
AX0
NC
Y7
X8
Y3
AY2
RESET
X9
AX3
VSS
VEE
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
33
34
35
36
37
38
39
40
32
31
30
29
24
25
26
27
28
21
22
23
40
65
3
2
1 44 43 42 41
4
18 19 20 21 22 23 24 25 26 27 28
7
17
16
15
12
13
14
9
10
11
8
38
37
39
35
34
33
36
31
30
29
32
Y0
X1
X0
NC
X3
X13
X12
X5
X4
X2
NC
X11
X10
X7
X6
X15
X14
NC
Y7
X8
X9
NC
7
17
16
15
12
13
14
9
10
11
8
38
37
39
35
34
33
36
31
30
29
32
X1
X0
NC
X3
X13
X12
X5
X4
X2
NC
CS
20
18 19
21 22 23 24 25 26 27 28
5
6
4
3
2
1 44 43 42 41 40
X11
X10
X7
X6
X15
X14
NC
X8
X9
NC
V SS
CD22M3494


同様の部品番号 - CD22M3494SQ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD22M3494SQ INTERSIL-CD22M3494SQ Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494SQ INTERSIL-CD22M3494SQ Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494SQZ INTERSIL-CD22M3494SQZ Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494SQZ RENESAS-CD22M3494SQZ Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

同様の説明 - CD22M3494SQ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com