データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76409P3 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 HUFA76409P3
部品情報  17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76409P3 データシート(HTML) 1 Page - Fairchild Semiconductor

  HUFA76409P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76409P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76409P3 Rev. B
HUFA76409P3
17A, 60V, 0.070 Ohm, N-Channel, Logic
Level UltraFET® Power MOSFET
Packaging
Symbol
Features
• Ultra Low On-Resistance
-rDS(ON) = 0.062Ω, VGS = 10V
-rDS(ON) = 0.070Ω, VGS = 5V
• Simulation Models
- Temperature Compensated PSPICE® and SABER™
Electrical Models
- Spice and SABER Thermal Impedance Models
- www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves
Ordering Information
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy
of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.
JEDEC TO-220AB
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
HUFA76409P3
D
G
S
PART NUMBER
PACKAGE
BRAND
HUFA76409P3
TO-220AB
76409P
NOTE: When ordering, use the entire part number i.e., HUFA76409P3
HUFA76409P3
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
60
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
60
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±16
V
Drain Current
Continuous (TC = 25
oC, V
GS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 25
oC, V
GS = 10V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 135
oC, V
GS = 5V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Continuous (TC = 135
oC, V
GS = 4.5V) (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
17
18
8
8
Figure 4
A
A
A
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . UIS
Figures 6, 17, 18
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
49
0.327
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief TB334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
NOTES:
1. TJ = 25
oC to 150oC.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Data Sheet
December 2001


同様の部品番号 - HUFA76409P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76409D3 FAIRCHILD-HUFA76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76409D3S FAIRCHILD-HUFA76409D3S Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

同様の説明 - HUFA76409P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76409P3 INTERSIL-HUF76409P3 Datasheet
105Kb / 9P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76409D3 FAIRCHILD-HUF76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76409D3 INTERSIL-HUF76409D3 Datasheet
335Kb / 9P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
RFD12N06RLE FAIRCHILD-RFD12N06RLE Datasheet
215Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409D3 FAIRCHILD-HUFA76409D3 Datasheet
206Kb / 10P
   17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com