データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


HUFA76437P3 データシート(Datasheet) 4 Page - Fairchild Semiconductor

部品番号. HUFA76437P3
部品情報  64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
ダウンロード  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo 

 
 4 page
background image
©2001 Fairchild Semiconductor Corporation
BUZ1 Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
110
100
1
500
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
100
0.01
0.1
1
10
10
400
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
30
60
90
120
2.0
2.5
3.0
3.5
4.0
5.0
0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
4.5
30
60
90
120
0123
4
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 5V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 4V
VGS = 3.5V
15
20
25
2
468
10
ID = 21A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 64A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
10
ID = 42A
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
200
0.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 71A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
HUFA76437P3, HUFA76437S3S




Html ページ

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
HUF76437P364A 60V 0.017 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUF76437P364A 60V 0.017 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
HUFA76429P344A 60V 0.025 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76432P355A 60V 0.019 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76407D311A 60V 0.107 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76409D317A 60V 0.071 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76413D320A 60V 0.056 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76419D320A 60V 0.043 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76419P327A 60V 0.040 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor
HUFA76423D320A 60V 0.037 Ohm N-Channel Logic Level UltraFET Power MOSFETs 1 2 3 4 5 MoreFairchild Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl