データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HUFA76639P3 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 HUFA76639P3
部品情報  50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76639P3 データシート(HTML) 4 Page - Fairchild Semiconductor

  HUFA76639P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76639P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76639P3, HUFA76639S3S Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
110
100
300
1
300
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
SINGLE PULSE
TC = 25
oC
0.01
0.1
1
10
100
10
100
1
500
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
25
50
75
100
1.5
2.0
2.5
3.0
3.5
4.0
0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
25
50
75
100
0
1234
5
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
VGS = 3.5V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 5V
VGS = 10V
VGS = 4V
25
30
35
40
24
68
10
20
ID = 15A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 51A
ID = 35A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
1.0
1.5
2.0
2.5
3.0
-80
-40
0
40
80
120
160
200
0.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 51A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
HUFA76639P3, HUFA76639S3S


同様の部品番号 - HUFA76639P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUFA76633P3 FAIRCHILD-HUFA76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76633S3S FAIRCHILD-HUFA76633S3S Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

同様の説明 - HUFA76639P3

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
HUF76639P3 FAIRCHILD-HUF76639P3 Datasheet
218Kb / 10P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76639P3 INTERSIL-HUF76639P3 Datasheet
110Kb / 9P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76619D3 INTERSIL-HUF76619D3 Datasheet
108Kb / 9P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com