データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILC7083AIM530X データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 ILC7083AIM530X
部品情報  150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7083AIM530X データシート(HTML) 4 Page - Fairchild Semiconductor

  ILC7083AIM530X Datasheet HTML 1Page - Fairchild Semiconductor ILC7083AIM530X Datasheet HTML 2Page - Fairchild Semiconductor ILC7083AIM530X Datasheet HTML 3Page - Fairchild Semiconductor ILC7083AIM530X Datasheet HTML 4Page - Fairchild Semiconductor ILC7083AIM530X Datasheet HTML 5Page - Fairchild Semiconductor ILC7083AIM530X Datasheet HTML 6Page - Fairchild Semiconductor ILC7083AIM530X Datasheet HTML 7Page - Fairchild Semiconductor ILC7083AIM530X Datasheet HTML 8Page - Fairchild Semiconductor ILC7083AIM530X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ILC7083/ILC7084
4
REV. 1.0.9 1/28/03
Electrical Characteristics ILC7083/ILC7084
Unless otherwise specified, all limits are at TA=25°C; VIN = VOUT(NOM) +1V, IOUT = 1mA, COUT = 1µF, VON/OFF = 2V.
Boldface type denotes specifications which apply over the specified operating temperature range.
Notes:
1. Absolute maximum ratings indicate limits which when exceeded may result in damage to the component. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
2. Specified Min/Max limits are production tested or guaranteed through correlation based on statistical control methods.
Measurements are taken at constant junction temperature as close to ambient as possible using low duty pulse testing.
3. Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the nominal value measured
with an IV differential.
4. Guaranteed by design.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
213
V
Output Voltage
VOUT
1mA < IOUT < 150mA
-3
VOUT(NOM)
+3
%VOUT
(NOM)
1mA < IOUT < 150mA
-4
VOUT(NOM)
+4
Feedback Voltage
(ADJ version)
VADJ
1.217
1.204
1.255
1.292
1.305
V
Line Regulation
∆V
OUT/
(VOUT*∆VIN)
VOUT(NOM) +1V < VIN < 12V
0.007
0.014
0.032
%/V
Dropout Voltage
(Note 3)
VIN – VOUT
IOUT= 0mA (Note 4)
0.1
1
2
mV
IOUT = 10mA
10
25
35
IOUT = 50mA
50
75
100
IOUT = 100mA
100
150
200
IOUT = 150mA
150
225
300
Ground Pin Current
IGND
IOUT = 0mA
95
200
220
µA
IOUT = 10mA
100
220
240
IOUT = 50mA
100
220
240
IOUT = 100mA
100
240
260
IOUT = 150mA
115
260
280
Shutdown (OFF) Current
ION/OFF
VON/OFF = 0V
0.1
2
µA
ON/OFF Input Voltage
VON/OFF
High = Regulator On
Low = Regulator Off
1.5
0.6
ON/OFF Pin Input
Current
IIN( ON/OFF)
VON/OFF = 0.6V, regulator OFF
VON/OFF = 2V, regulator ON
0.3
1
µA
Peak Output Current
(Note 4)
IOUT(peak)
VOUT > 0.95VOUT(NOM),
tpw = 2ms
400
500
mA
Output Noise Voltage (RMS)
eN
BW = 300Hz to 50kHz, CIN = 1µF
CNOISE = 0.01µF, COUT = 2.2µF,
IOUT = 10mA
40
µVRMS
Ripple Rejection
∆V
OUT/∆VIN
COUT = 4.7µF,
IOUT = 100mA
Freq. = 1kHz
85
dB
Freq. = 10kHz
70
Freq. = 1MHz
60
Dynamic Line Regulation
∆V
OUT(line)
VIN: VOUT(NOM) + 1V to
VOUT(NOM) + 2V,
tr/tf = 2µs; IOUT = 150mA
14
mV
Dynamic Load Regulation
∆V
OUT(load)
IOUT: 1mA to 150mA; tr < 5µS
40
mV
Short Circuit Current
ISC
VOUT = 0V
600
mA


同様の部品番号 - ILC7083AIM530X

メーカー部品番号データシート部品情報
logo
Impala Linear Corporati...
ILC708 IMPALA-ILC708 Datasheet
74Kb / 5P
   MP SUPERVISORY CIRCUIT
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7080AIM5 FAIRCHILD-ILC7080AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7080AIM5-285 IMPALA-ILC7080AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

同様の説明 - ILC7083AIM530X

メーカー部品番号データシート部品情報
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com