データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5224B データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 1N5224B
部品情報  Zeners
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N5224B データシート(HTML) 1 Page - Fairchild Semiconductor

  1N5224B Datasheet HTML 1Page - Fairchild Semiconductor 1N5224B Datasheet HTML 2Page - Fairchild Semiconductor 1N5224B Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5221B-1N5279B Rev. E
2003 Fairchild Semiconductor Corporation
Absolute Maximum Ratings*
T
A = 25°C unless otherwise noted
Tolerance = 5%
Electrical Characteristics
T
A = 25°C unless otherwise noted
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
**Non-recurrent square wave PW= 8.3 ms, TA= 50 degrees C.
Zeners
1N5221B - 1N5279B
Symbol
Parameter
Value
Units
PD
Power Dissipation
Derate above 75
°C
500
4.0
mW
mW/
°C
T
STG
Storage Temperature Range
-65 to +200
°C
TJ
Maximum Junction Operating Temperature
+ 200
°C
Lead Temperature (1/16” from case for 10
seconds)
+ 230
°C
DO-35 Glass case
COLOR BAND DENOTES CATHODE
Device
V
Z
(V)
Z
Z
(
Ω)
I
Z
(mA)
Z
ZK
(
Ω)
I
ZK
(mA)
I
R
(
µµµµA)
V
R
(V)
T
C
(%/
°°°°C)
1N5221B
1N5222B
1N5223B
1N5224B
1N5225B
2.4
2.5
2.7
2.8
3.0
30
30
30
30
29
20
20
20
20
20
1,200
1,250
1,300
1,400
1,600
0.25
0.25
0.25
0.25
0.25
100
100
75
75
50
1.0
1.0
1.0
1.0
1.0
- 0.085
- 0.085
- 0.080
- 0.080
- 0.075
1N5226B
1N5227B
1N5228B
1N5229B
1N5230B
3.3
3.6
3.9
4.3
4.7
28
24
23
22
19
20
20
20
20
20
1,600
1,700
1,900
2,000
1,900
0.25
0.25
0.25
0.25
0.25
25
15
10
5.0
2.0
1.0
1.0
1.0
1.0
1.0
- 0.07
- 0.065
- 0.06
+/- 0.055
+/- 0.03
1N5231B
1N5232B
1N5233B
1N5234B
1N5235BT
5.1
5.6
6.0
6.2
6.8
17
11
7.0
7.0
5.0
20
20
20
20
20
1,600
1,600
1,600
1,000
750
0.25
0.25
0.25
0.25
0.25
2.0
3.0
3.5
4.0
5.0
2.0
3.0
3.5
4.0
5.0
+/- 0.03
0.038
0.038
0.045
0.05
1N5236BT
1N5237BT
1N5238BT
1N5239BT
1N5240BT
7.5
8.2
8.7
9.1
10
6.0
8.0
8.0
10
17
20
20
20
20
20
500
500
600
600
600
0.25
0.25
0.25
0.25
0.25
6.0
6.5
6.5
7.0
8.0
6.0
6.5
6.5
7.0
8.0
0.058
0.062
0.065
0.068
0.075
1N5241BT
1N5242BT
1N5243BT
1N5244BT
1N5245BT
11
12
13
14
15
22
30
13
15
16
20
20
9.5
9.0
8.5
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
8.4
0.1
0.1
0.1
0.1
8.4
9.1
9.9
10
11
0.076
0.077
0.079
0.080
0.082
@
@
@


同様の部品番号 - 1N5224B

メーカー部品番号データシート部品情報
logo
Tiger Electronic Co.,Lt...
1N5224B TGS-1N5224B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5224B VISHAY-1N5224B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5224B MCC-1N5224B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Tak Cheong Electronics ...
1N5224B TAK_CHEONG-1N5224B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
1N5224B VISHAY-1N5224B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

同様の説明 - 1N5224B

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com