データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5544GEX-75.0M-T250 データシート(PDF) 3 Page - Pletronics, Inc.

部品番号 SM5544GEX-75.0M-T250
部品情報  SM55G Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLETRONICS [Pletronics, Inc.]
ホームページ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544GEX-75.0M-T250 データシート(HTML) 3 Page - Pletronics, Inc.

  SM5544GEX-75.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5544GEX-75.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5544GEX-75.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5544GEX-75.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5544GEX-75.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5544GEX-75.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5544GEX-75.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5544GEX-75.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SM55G Series 1.8 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
3
Electrical Specification for 1.80V +
_10% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
0.8
165
MHz
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for 1
year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
CMOS
Output High Level
90
-
%
of V
CC
for I
OH= +2 mA
<35 MHz
70
-
of V
CC
for I
OH= +8 mA
> 35 MHz
Output Low Level
-
10
%
of V
CC
for I
OL = -2 mA
<35 MHz
-30
of V
CC
for I
OL = -8 mA
>35 MHz
Output Symmetry
45
55
%
at 50% point of V
CC
(See load circuit)
Jitter
Output: 1 to 15 MHz
-
6.0
pS RMS
10 Hz to 1 MHz from the output frequency
Output: 15 to 35 MHz
-
5.0
pS RMS
Output: 35 to 50 MHz
-
4.0
pS RMS
Output: 50 to 70 MHz
-
3.0
pS RMS
Output: > 70 MHz
-
2.5
PS RMS
Output: 25 to 70 MHz
-
0.7
pS RMS
12 KHz to 20 MHz from the output frequency
Output: > 70 MHz
-
0.6
pS RMS
E/D Internal Pull-up
50
500
Kohm
to V
CC
V disable
-
30
%
of V
CC applied to pin 1
V enable
70
-
%
Output leakage
V
OUT = VCC
-10
+10
uA
Pin 1 low, device disabled
V
OUT = 0V
-10
+10
uA
Standby Current I
CC
-
4
uA
< 35 MHz
-
100
uA
> 35 MHz
Enable time
-
250
nS
Time for output to reach a logic state
Disable time
-
250
nS
Time for output to reach a high Z state
Start up time
-
10
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
-20
+70
oC
Extended Temperature Range
C” Option
-40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC


同様の部品番号 - SM5544GEX-75.0M-T250

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM5544GEX PLETRONICS-SM5544GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
More results

同様の説明 - SM5544GEX-75.0M-T250

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM5545GV-750M-T250 PLETRONICS-SM5545GV-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5545GW-750M-T250 PLETRONICS-SM5545GW-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 2.5 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com