データシートサーチシステム |
|
SM5544TZ-50.0M-T1K データシート(PDF) 4 Page - Pletronics, Inc. |
|
SM5544TZ-50.0M-T1K データシート(HTML) 4 Page - Pletronics, Inc. |
4 / 8 page SM55TZ Series 0.8-2.0 V CMOS Clock Oscillators March 2013 www.pletronics.com 425-776-1880 4 Electrical Specification for 0.80-2.00V over the specified temperature range Item Typ Max Unit Condition Output T RISE and TFALL 1.3 3.0 nS Vcc = 1.1 to 2.0V C LOAD = 15 pF 20% to 80% of V CC See Load Circuit 1.7 4.0 nS Vcc = 0.8 to 1.1V V CC Supply Current (ICC) Output frequency: 48.0 MHz 1.7 2.6 mA Vcc = 1.5V 1.3 2.0 mA Vcc = 1.2V 0.9 1.4 mA Vcc = 0.9V V CC Supply Current (ICC) Output frequency: 0.75 MHz 1.1 1.7 mA Vcc = 1.5V 0.8 1.2 mA Vcc = 1.2V 0.5 0.8 mA Vcc = 0.9V Specifications with Pad 1 E/D open circuit |
同様の部品番号 - SM5544TZ-50.0M-T1K |
|
同様の説明 - SM5544TZ-50.0M-T1K |