データシートサーチシステム |
|
SM5545MCW-75.0M-T1K データシート(PDF) 5 Page - Pletronics, Inc. |
|
SM5545MCW-75.0M-T1K データシート(HTML) 5 Page - Pletronics, Inc. |
5 / 8 page SM55M Series 2.5 V CMOS Clock Oscillators April 2010 www.pletronics.com 425-776-1880 5 Trise 10% * Vcc Ground Vlow 50% * Vcc 90% * Vcc Vhigh Tfall Symmetry Load Circuit and Test Waveform Reliability: Environmental Compliance Parameter Condition Mechanical Shock MIL-STD-883 Method 2002, Condition B Vibration MIL-STD-883 Method 2007, Condition A Solderability MIL-STD-883 Method 2003 Thermal Shock MIL-STD-883 Method 1011, Condition A ESD Rating Model Minimum Voltage Conditions Human Body Model 1500 MIL-STD-883 Method 3115 Charged Device Model 1000 JESD 22-C101 Package Labeling Label is 1" x 2.6" (25.4mm x 66.7mm) Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Font is Arial Bar code is 39-Full ASCII |
同様の部品番号 - SM5545MCW-75.0M-T1K |
|
同様の説明 - SM5545MCW-75.0M-T1K |