データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5544JW-75.0M-T1K データシート(PDF) 6 Page - Pletronics, Inc.

部品番号 SM5544JW-75.0M-T1K
部品情報  SM55J Series 2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLETRONICS [Pletronics, Inc.]
ホームページ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544JW-75.0M-T1K データシート(HTML) 6 Page - Pletronics, Inc.

  SM5544JW-75.0M-T1K Datasheet HTML 1Page - Pletronics, Inc. SM5544JW-75.0M-T1K Datasheet HTML 2Page - Pletronics, Inc. SM5544JW-75.0M-T1K Datasheet HTML 3Page - Pletronics, Inc. SM5544JW-75.0M-T1K Datasheet HTML 4Page - Pletronics, Inc. SM5544JW-75.0M-T1K Datasheet HTML 5Page - Pletronics, Inc. SM5544JW-75.0M-T1K Datasheet HTML 6Page - Pletronics, Inc. SM5544JW-75.0M-T1K Datasheet HTML 7Page - Pletronics, Inc. SM5544JW-75.0M-T1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM55J Series 2.5 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.197 +
_0.006
5.00 +
_0.15
B
0.126 +
_0.006
3.20 +
_0.15
C
0.045 +
_0.004
1.15 +
_0.10
D
0.048
1.23
1
E
0.100
2.54
1
F
0.004
0.10
1
G
0.050
1.27
1
H
0.055
1.40
1
Not to Scale
Typical dimensions
1
I
0.024
0.60
1
J
0.004
0.10R
1
K
0.008
0.020R
1
Contacts :
Gold 11.8 to 39.4 µinches (0.3 to 1.0 µm) over Nickel 50 to 350 µinches (1.27 to 8.89 µm)
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
CC
Recommend connecting this pad to V
if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
CC
(V )
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optim um Jitter Perform ance, Pletronics recom m ends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large m agnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or m echanical fans.


同様の部品番号 - SM5544JW-75.0M-T1K

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM5544JCV-75.0M-T1K PLETRONICS-SM5544JCV-75.0M-T1K Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5544JCV-75.0M-T1K PLETRONICS-SM5544JCV-75.0M-T1K Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5544JCV-75.0M-T250 PLETRONICS-SM5544JCV-75.0M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5544JCV-75.0M-T250 PLETRONICS-SM5544JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5544JCV-75.0M-T500 PLETRONICS-SM5544JCV-75.0M-T500 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
More results

同様の説明 - SM5544JW-75.0M-T1K

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM5545JX-750M-T250 PLETRONICS-SM5545JX-750M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JV-750M-T250 PLETRONICS-SM5545JV-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com