データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

542MLF データシート(PDF) 5 Page - Integrated Device Technology

部品番号 542MLF
部品情報  CLOCK DIVIDER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

542MLF データシート(HTML) 5 Page - Integrated Device Technology

  542MLF Datasheet HTML 1Page - Integrated Device Technology 542MLF Datasheet HTML 2Page - Integrated Device Technology 542MLF Datasheet HTML 3Page - Integrated Device Technology 542MLF Datasheet HTML 4Page - Integrated Device Technology 542MLF Datasheet HTML 5Page - Integrated Device Technology 542MLF Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ICS542
CLOCK DIVIDER
CLOCK DIVIDER
IDT™ / ICS™ CLOCK DIVIDER
5
ICS542
REV J 051310
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
542MLF
542MLF
Tubes
8-pin SOIC
0 to +70
° C
542MLFT
542MLF
Tape and Reel
8-pin SOIC
0 to +70
° C
542MILF
542MILF
Tubes
8-pin SOIC
-40 to +85
° C
542MILFT
542MILF
Tape and Reel
8-pin SOIC
-40 to +85
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
MinMax
MinMax
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
α
0
°
8
°
0
°
8
°


同様の部品番号 - 542MLF

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
542MLF IDT-542MLF Datasheet
119Kb / 6P
   CLOCK DIVIDER
542MLFT IDT-542MLFT Datasheet
119Kb / 6P
   CLOCK DIVIDER
More results

同様の説明 - 542MLF

メーカー部品番号データシート部品情報
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
   CLOCK DIVIDER
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
   Clock Divider
logo
Renesas Technology Corp
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
logo
Integrated Circuit Syst...
ICS544-01 ICST-ICS544-01 Datasheet
148Kb / 7P
   Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com