データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

542MLFT データシート(PDF) 4 Page - Integrated Device Technology

部品番号 542MLFT
部品情報  CLOCK DIVIDER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

542MLFT データシート(HTML) 4 Page - Integrated Device Technology

  542MLFT Datasheet HTML 1Page - Integrated Device Technology 542MLFT Datasheet HTML 2Page - Integrated Device Technology 542MLFT Datasheet HTML 3Page - Integrated Device Technology 542MLFT Datasheet HTML 4Page - Integrated Device Technology 542MLFT Datasheet HTML 5Page - Integrated Device Technology 542MLFT Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ICS542
CLOCK DIVIDER
CLOCK DIVIDER
IDT™ / ICS™ CLOCK DIVIDER
4
ICS542
REV J 051310
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temp. 0 to +70
° C (commercial), -40 to +85° C (industrial)
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temp. 0 to +70
° C (commercial), -40 to +85° C (industrial)
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
5.5
V
Input High Voltage,
VIH
ICLK (pin 1)
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
ICLK (pin 1)
VDD/2
VDD/2-1
V
Input High Voltage
VIH
S0, S1, OE
2
V
Input Low Voltage
VIL
S0, S1, OE
0.8
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25 mA
0.4
V
Operating Supply Current
IDD
No Load, 5.0 V,
11 sel
11
mA
Operating Supply Current
IDD
No Load, 3.3 V,
11 sel
7mA
Short Circuit Current
IOS
±40
mA
Input Capacitance
CIN
S0, S1, OE
4
pF
Nominal Output Impedance
ZO
at VDD/2
20
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, clock input
VDD = 5 V
0
156
MHz
Input Frequency, clock input
VDD = 3.3 V
0
156
MHz
Output Rise Time
tOR
0.8 to 2.0 V
1
ns
Output Fall Time
tOF
2.0 to 0.8 V
1
ns
Duty Cycle
at VDD/2
45
49 to 51
55
%
Skew of Output Clocks
rising edges at VDD/2
500
ps
Propagation Delay
ICLK to CLK
15
ns
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W


同様の部品番号 - 542MLFT

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
542MLFT IDT-542MLFT Datasheet
119Kb / 6P
   CLOCK DIVIDER
More results

同様の説明 - 542MLFT

メーカー部品番号データシート部品情報
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
   CLOCK DIVIDER
logo
Integrated Device Techn...
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
   Clock Divider
logo
Renesas Technology Corp
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
   CLOCK DIVIDER
051810
logo
Integrated Circuit Syst...
ICS544-01 ICST-ICS544-01 Datasheet
148Kb / 7P
   Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual Clock Divider Buffer
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
[Old version datasheet]   Dual Clock Divider Buffer
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com