データシートサーチシステム |
|
ISL21090BFB812Z-TK データシート(PDF) 4 Page - Intersil Corporation |
|
ISL21090BFB812Z-TK データシート(HTML) 4 Page - Intersil Corporation |
4 / 20 page ISL21090 4 FN6993.5 February 27, 2013 Electrical Specifications V IN = 5V (2.5V option), IOUT = 0 unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 7) TYP MAX (Note 7) UNIT VOUT Output Voltage VIN = 5V 2.5 V VOA VOUT Accuracy @ TA = +25°C All VOUT options -0.02 +0.02 % TC VOUT Output Voltage Temperature Coefficient ISL21090 B grade 7 ppm/°C VIN Input Voltage Range VOUT = 2.5V 3.7 36 V IIN Supply Current 0.930 1.28 mA ΔVOUT /ΔVIN Line Regulation VIN = 3.7V to 36V, VOUT = 2.5V 8 18 ppm/V ΔVOUT/ΔIOUT Load Regulation Sourcing: 0mA ≤ IOUT ≤ 20mA 2.5 17 ppm/mA Sinking: -10mA ≤ IOUT ≤ 0mA 2.5 17 ppm/mA VD Dropout Voltage (Note 9) VOUT = 2.5V @ 10mA 1.1 1.7 V ISC+ Short Circuit Current TA = +25°C, VOUT tied to GND 55 mA ISC- Short Circuit Current TA = +25°C, VOUT tied to VIN -61 mA tR Turn-on Settling Time 90% of final value, CL = 1.0µF, CC = open 150 µs Ripple Rejection f = 120Hz 90 dB enp-p Noise Voltage 0.1Hz ≤ f ≤ 10Hz, VOUT = 2.5V 1.9 µVP-P Vn Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz, VOUT = 2.5V 1.6 µVRMS en Noise Voltage Density f = 1kHz, VOUT = 2.5V 50 nV/ √Hz ΔVOUT/Δt Long Term Stability TA = +25°C 20 ppm Electrical Specifications V IN = 10V (5.0V option), IOUT = 0 unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +125°C. PARAMETER DESCRIPTION CONDITIONS MIN (Note 7) TYP MAX (Note 7) UNIT VOUT Output Voltage VIN = 10V, 5.0 V VOA VOUT Accuracy @ TA = +25°C (Note 6) VOUT = 5.0V 0.025 0.025 % TC VOUT Output Voltage Temperature Coefficient (Note 8) ISL21090 B grade 7 ppm/°C VIN Input Voltage Range VOUT = 5.0V 736 V IIN Supply Current 0.930 1.33 mA ΔVOUT /ΔVIN Line Regulation VIN = 7V to 36V, VOUT = 5.0V 8 18 ppm/V ΔVOUT/ΔIOUT Load Regulation Sourcing: 0mA ≤ IOUT ≤ 20mA 2.5 17 ppm/mA Sinking: -10mA ≤ IOUT ≤ 0mA 2.5 17 ppm/mA VD Dropout Voltage (Note 9) VOUT = 5.0V @ 10mA 1.1 1.7 V ISC+ Short Circuit Current TA = +25°C, VOUT tied to GND 61 mA ISC- Short Circuit Current TA = +25°C, VOUT tied to VIN -75 mA tR Turn-on Settling Time 90% of final value, CL = 1.0µF, CC = open 150 µs Ripple Rejection f = 120Hz 90 dB enp-p Output Voltage Noise 0.1Hz ≤ f ≤ 10Hz, VOUT = 5.0V 4.2 µVP-P Vn Broadband Voltage Noise 10Hz ≤ f ≤ 1kHz, VOUT = 5.0V 3.2 µVRMS en Noise Voltage Density f = 1kHz, VOUT = 5.0V 100 nV/ √Hz ΔVOUT/Δt Long Term Stability TA = +25°C 20 ppm |
同様の部品番号 - ISL21090BFB812Z-TK |
|
同様の説明 - ISL21090BFB812Z-TK |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |