データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

749196321 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 749196321
部品情報  FLEX-TRANSFORMER WE-FLEX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749196321 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749196321 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196321 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196321 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
FLEX-ÜBERTRAGER WE-FLEX
description :
FLEX-TRANSFORMER WE-FLEX
DATUM / DATE : 2006-08-01
I Rollenspezifikation / tape and reel specification :
A
17,6 ± 0,1
mm
B
44,0 ± 0,3
mm
B1
40,4 ± 0,1
mm
B2
20,2 ± 0,1
mm
+ 0,1
- 0,0
D
4,00 ± 0,1
mm
E
2,00 ± 0,1
mm
+ 0,1
- 0,0
+ 0,15
- 0,05
H
24,0 ± 0,1
mm
I
8,40 ± 0,1
mm
Packing unit
300pcs / reel
K
22,2 ± 0,1
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
..................................................................................
..................................................................................
TBr
2006-08-01
TBr
2005-10-24
...............................................
..................................................
TBr
2005-01-19
Name
Datum / date
Version 1
Version 2
Version 3
Spezifikation für Freigabe / specification for release
http://www.we-online.com
Kunde / customer
Würth Elektronik
Kontrolliert / approved
Unterschrift / signature
Datum / date
Geprüft / checked
Freigabe erteilt / general release:
Änderung / modification
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Straße 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Kunde / customer :
Artikelnummer / part number :
749196321
1,50
mm
Gurtspezifikation / Tape specification:
G
1,70
mm
C
1,50
mm
F
Ø c
a
d
b
The force for tearing off cover tape is
10 to 130 grams in arrow direction
165 to 180°
feeding direction
A
B1
E
D
øC
B
B2
F
G
I
K
H
LF
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is
the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 3 VON 3


同様の部品番号 - 749196321

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
749196328 WURTH-749196328 Datasheet
476Kb / 5P
   WE-FLEX HV Flexible Transformer for DC/DC Converter
More results

同様の説明 - 749196321

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
749196101 WURTH-749196101 Datasheet
177Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749196510 WURTH-749196510 Datasheet
159Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749197121 WURTH-749197121 Datasheet
115Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749197221 WURTH-749197221 Datasheet
114Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749197321 WURTH-749197321 Datasheet
167Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749196111 WURTH-749196111 Datasheet
162Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749196131 WURTH-749196131 Datasheet
162Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749197111 WURTH-749197111 Datasheet
115Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749197201 WURTH-749197201 Datasheet
114Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
749196241 WURTH-749196241 Datasheet
158Kb / 3P
   FLEX-TRANSFORMER WE-FLEX
749197211 WURTH-749197211 Datasheet
114Kb / 2P
   FLEX-TRANSFORMER WE-FLEX
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com