データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC194PWRG4 データシート(PDF) 6 Page - Texas Instruments

部品番号 CD74HC194PWRG4
部品情報  High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD74HC194PWRG4 データシート(HTML) 6 Page - Texas Instruments

Back Button CD74HC194PWRG4 Datasheet HTML 2Page - Texas Instruments CD74HC194PWRG4 Datasheet HTML 3Page - Texas Instruments CD74HC194PWRG4 Datasheet HTML 4Page - Texas Instruments CD74HC194PWRG4 Datasheet HTML 5Page - Texas Instruments CD74HC194PWRG4 Datasheet HTML 6Page - Texas Instruments CD74HC194PWRG4 Datasheet HTML 7Page - Texas Instruments CD74HC194PWRG4 Datasheet HTML 8Page - Texas Instruments CD74HC194PWRG4 Datasheet HTML 9Page - Texas Instruments CD74HC194PWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Set-up Time
S1, S0 to Clock (Figure 4)
tSU
-
4.5
20
-
25
-
30
-
ns
Set-up Time
DSL, DSR to Clock (Figure 4)
tSU
-
4.5
14
-
18
-
21
-
ns
Hold Time
S1, S0 to Clock (Figure 4)
tH
-
4.5
0-0-0-
ns
Hold Time
Data to Clock (Figure 3)
tH
-
4.5
0-0-0-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
Clock to Output (Figure 1)
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
6
-
30
37
45
ns
Propagation Delay,
Clock to Q
tPLH, tPHL
-
5
14
-
-
-
ns
Output Transition Time
(Figure 1)
tTLH, tTHL
CL = 50pF
2
-
75
95
110
ns
4.5
-
15
19
22
ns
6
-
13
16
19
ns
Propagation Delay,
MR to Output (Figure 2)
tPHL
CL = 50pF
2
-
140
175
210
ns
4.5
-
28
35
42
ns
6
-
24
30
36
ns
Input Capacitance
CIN
--
-
10
10
10
pF
Maximum Clock Frequency
fMAX
-
5
60
-
-
-
MHz
Power Dissipation
Capacitance (Notes 4, 5)
CPD
-
5
55
-
-
-
pF
HCT TYPES
Propagation Delay,
Clock to Output (Figure 1)
tPLH, tPHL
CL = 50pF
4.5
-
37
46
56
ns
Propagation Delay,
Clock to Q
tPLH, tPHL
-
5
15
-
-
-
ns
Output Transition Times
(Figure 1)
tTLH, tTHL
CL = 50pF
4.5
-
15
19
22
ns
Propagation Delay,
MR to Output (Figure 2)
tPHL
CL = 50pF
4.5
-
40
50
60
ns
Input Capacitance
CIN
--
-
10
10
10
pF
Maximum Clock Frequency
fMAX
-
5
50
-
-
-
MHz
Power Dissipation
Capacitance (Notes 4, 5)
CPD
-
5
60
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i + ∑ (CL VCC
2) where f
i = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Prerequisite For Switching Function
(Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX


同様の部品番号 - CD74HC194PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC194PWR TI-CD74HC194PWR Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC194PWR TI-CD74HC194PWR Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC194PWR TI-CD74HC194PWR Datasheet
526Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Vectron International, ...
CD74HC194PWR VECTRON-CD74HC194PWR Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
CD74HC194PWRE4 TI-CD74HC194PWRE4 Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
More results

同様の説明 - CD74HC194PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC194 TI-CD54HC194_06 Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194_08 Datasheet
526Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194 Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC194 TI-CD74HC194 Datasheet
47Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Vectron International, ...
CD54HC194 VECTRON-CD54HC194_1 Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
   CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
Texas Instruments
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com